Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny10 Datasheet(PDF) 160 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 160 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 156Page - ATMEL Corporation ATtiny10 Datasheet HTML 157Page - ATMEL Corporation ATtiny10 Datasheet HTML 158Page - ATMEL Corporation ATtiny10 Datasheet HTML 159Page - ATMEL Corporation ATtiny10 Datasheet HTML 160Page - ATMEL Corporation ATtiny10 Datasheet HTML 161Page - ATMEL Corporation ATtiny10 Datasheet HTML 162Page - ATMEL Corporation ATtiny10 Datasheet HTML 163Page - ATMEL Corporation ATtiny10 Datasheet HTML 164Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 168 page
background image
160
8127C–AVR–10/09
ATtiny4/5/9/10
23. Datasheet Revision History
23.1 Rev. 8127C – 10/09
1. Updated values and notes:
– Table 16-1 in Section 16.2 “DC Characteristics” on page 116
– Table 16-3 in Section 16.4 “Clock Characteristics” on page 118
– Table 16-6 in Section 16.5.2 “VCC Level Monitor” on page 119
– Table 16-9 in Section 16.8 “Serial Programming Characteristics” on page 121
2. Updated Figure 16-1 in Section 16.3 “Speed Grades” on page 117
3. Added Typical Characteristics Figure 17-36 in Section 17.2.7 “Analog Comparator Off-
set” on page 140. Also, updated some other plots in Typical Characteristics.
4. Added topside and bottomside marking notes in Section 20. “Ordering Information” on
page 153, up to page 156
5. Added ESD errata, see Section 22. “Errata” on page 158
6. Added Lock bits re-programming errata, see Section 22. “Errata” on page 158
23.2 Rev. 8127B – 08/09
1. Updated document template
2. Expanded document to also cover devices ATtiny4, ATtiny5 and ATtiny9
3. Added section:
– “Comparison of ATtiny4, ATtiny5, ATtiny9 and ATtiny10” on page 4
4. Updated sections:
– “ADC Clock – clkADC” on page 18
– “Starting from Idle / ADC Noise Reduction / Standby Mode” on page 20
– “ADC Noise Reduction Mode” on page 24
– “Analog to Digital Converter” on page 25
– “SMCR – Sleep Mode Control Register” on page 25
– “PRR – Power Reduction Register” on page 26
– “Alternate Functions of Port B” on page 48
– “Overview” on page 83
– “Physical Layer of Tiny Programming Interface” on page 96
– “Overview” on page 107
– “ADC Characteristics (ATtiny5/10, only)” on page 120
– “Supply Current of I/O Modules” on page 122
– “Register Summary” on page 149
– “Ordering Information” on page 153
5. Added figure:
– “Using an External Programmer for In-System Programming via TPI” on page 97
6. Updated figure:
– “Data Memory Map (Byte Addressing)” on page 15
7. Added table:
– “Number of Words and Pages in the Flash (ATtiny4/5)” on page 109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com