Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC656EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC656EVB
Description  Backlight Driver for 7 LEDs with Charge Pump and PWM Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC656EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC656EVB Datasheet HTML 1Page - Semtech Corporation SC656EVB Datasheet HTML 2Page - Semtech Corporation SC656EVB Datasheet HTML 3Page - Semtech Corporation SC656EVB Datasheet HTML 4Page - Semtech Corporation SC656EVB Datasheet HTML 5Page - Semtech Corporation SC656EVB Datasheet HTML 6Page - Semtech Corporation SC656EVB Datasheet HTML 7Page - Semtech Corporation SC656EVB Datasheet HTML 8Page - Semtech Corporation SC656EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SC656
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Current Transition Settling Time
t
s
Duty cycle change from 00% to 50%()(4)
0.5
s
ENM/ENS Low Time
t
LT
Time that voltage on ENM or ENS can be low with-
out disabling the device
5
ms
x Mode to .5x Mode
Falling Transition Voltage
V
TRANSx
I
OUT = 70mA, IBLn = 0mA, VOUT = 3.2V
3.26
V
.5x Mode to 2x Mode
Falling Transition Voltage
V
TRANS.5x
I
OUT = 70mA, IBLn = 0mA, VOUT = 4.0V
(3)
2.90
V
Current Sink Off-State
Leakage Current
I
BLn(off)
V
IN = VBLn = 4.2V
0.

µA
Charge Pump Frequency
f
PUMP
V
IN = 3.2V
250
kHz
Output Short Circuit Current Limit
I
OUT(SC)
OUT pin shorted to GND
50
mA
V
OUT > 2.5V
400
Under Voltage Lockout Threshold
V
UVLO
Increasing V
IN — lockout released
2.4
V
UVLO Hysteresis
V
UVLO-HYS
500
mV
Over-Voltage Protection
V
OVP
OUT pin open circuit, V
OUT = VOVP, VIN rising threshold
5.7
6.0
V
Over-Temperature
T
OT
Rising Temperature
65
°C
OT Hysteresis
T
OT-HYS
25
°C
Digital Logic Pins — ENM, ENS, BANK2, AND BANK1
Input High Threshold
V
IH
V
IN = 5.5V
.4
V
Input Low Threshold
V
IL
V
IN = 2.9V
0.4
V
Input High Current
I
IH
V
IN = 5.5V

µA
Input Low Current
I
IL
V
IN = 5.5V

µA
Electrical Characteristics (continued)
Notes:
() Guaranteed by design
(2) Current matching equals ± [I
BL(MAX) - IBL(MIN] / [IBL(MAX) + IBL(MIN)].
(3) Test voltage is V
OUT = 4.0V — a relatively extreme LED voltage used to force a transition during test. Typically VOUT = 3.2V for white LEDs.
(4) The settling time is affected by the magnitude of change in the PWM duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com