Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC656EVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC656EVB
Description  Backlight Driver for 7 LEDs with Charge Pump and PWM Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC656EVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC656EVB Datasheet HTML 9Page - Semtech Corporation SC656EVB Datasheet HTML 10Page - Semtech Corporation SC656EVB Datasheet HTML 11Page - Semtech Corporation SC656EVB Datasheet HTML 12Page - Semtech Corporation SC656EVB Datasheet HTML 13Page - Semtech Corporation SC656EVB Datasheet HTML 14Page - Semtech Corporation SC656EVB Datasheet HTML 15Page - Semtech Corporation SC656EVB Datasheet HTML 16Page - Semtech Corporation SC656EVB Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SC656
4
Applications Information (continued)
Output Open Circuit Protection
Over-Voltage Protection (OVP) at the OUT pin prevents
the charge pump from producing an excessively high
output voltage. In the event of an open circuit between
the OUT pin and all current sinks (no loads connected),
the charge pump runs in open loop and the voltage rises
up to the OVP limit. OVP operation is hysteretic, meaning
the charge pump will momentarily turn off until V
OUT is
sufficiently reduced. The maximum OVP threshold is 6.0V,
allowing the use of a ceramic output capacitor rated
at 6.3V.
Over-Temperature Protection
The Over-Temperature (OT) protection circuit prevents the
device from overheating and experiencing a catastrophic
failure. When the junction temperature exceeds 65°C, the
device goes into thermal shutdown with all outputs dis-
abled until the junction temperature is reduced. All regis-
ter information is retained during thermal shutdown.
Hysteresis of 20°C is provided to ensure that the device
cools sufficiently before re-enabling.
Charge Pump Output Current Limit
The device limits the charge pump current at the OUT pin.
If the OUT pin is shorted to ground, or V
OUT is lower than
2.5V, the typical output current limit is 70mA. The output
current is limited to 225mA when over loaded resistively
with V
OUT greater than 2.5.
LED Float Detection
Float detect is a fault detection feature of the LED back-
light outputs. If an output is programmed to be enabled
and an open circuit fault occurs at any backlight output,
that output will be disabled to prevent a sustained output
OVP condition from occurring due to the resulting open
loop. Float detect ensures device protection but does not
ensure optimum performance.
PCB Layout Considerations
The layout diagram in Figure 2 illustrates a proper two
layer PCB layout for the SC656 and supporting compo-
nents. Following fundamental layout rules is critical for
achieving the performance specified in the Electrical
Characteristics table. The following guidelines are rec-
ommended when developing a PCB layout:
Figure 2 — Recommended Layout
COUT
ISETS
BL1
C2-
GND
BANK2
ENS
BL7
IN
OUT
SC656
ISETM
GND
RSETS
GND
IN
BANK1
RSETM
CIN
GND
Ground Plane
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com