Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC656EVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC656EVB
Description  Backlight Driver for 7 LEDs with Charge Pump and PWM Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC656EVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC656EVB Datasheet HTML 9Page - Semtech Corporation SC656EVB Datasheet HTML 10Page - Semtech Corporation SC656EVB Datasheet HTML 11Page - Semtech Corporation SC656EVB Datasheet HTML 12Page - Semtech Corporation SC656EVB Datasheet HTML 13Page - Semtech Corporation SC656EVB Datasheet HTML 14Page - Semtech Corporation SC656EVB Datasheet HTML 15Page - Semtech Corporation SC656EVB Datasheet HTML 16Page - Semtech Corporation SC656EVB Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
SC656
6
e
1
2
N
PIN 1
INDICATOR
(LASER MARK)
A1
A
A2
C
SEATING
PLANE
E/2
D/2
LxN
bxN
D1
E1
DAP IS 1.90 x 1.90mm.
3.
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
2.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
1.
E
B
D
NOTES:
bbb
C A B
aaa C
A
b .006 .008 .010 0.15 0.20 0.25
INCHES
DIMENSIONS
NOM
e
bbb
aaa
A1
A2
D1
E1
DIM
N
L
E
MIN
D
A
MILLIMETERS
MAX
MIN
MAX
NOM
.114 .118
3.00
.122 2.90
3.10
.003
.061
20
.067
.000
.020
-
-
(.006)
0.08
20
.071 1.55
.024
.002 0.00
0.50
1.80
1.70
0.05
0.60
(0.152)
-
-
.004
0.10
1.55
2.90
1.70 1.80
3.00 3.10
0.40 BSC
.016 BSC
0.30
.012
.020
.016
0.40 0.50
.122
.118
.114
.071
.067
.061
Outline Drawing — MLPQ-UT-20 3x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com