Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC656EVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC656EVB
Description  Backlight Driver for 7 LEDs with Charge Pump and PWM Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC656EVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC656EVB Datasheet HTML 6Page - Semtech Corporation SC656EVB Datasheet HTML 7Page - Semtech Corporation SC656EVB Datasheet HTML 8Page - Semtech Corporation SC656EVB Datasheet HTML 9Page - Semtech Corporation SC656EVB Datasheet HTML 10Page - Semtech Corporation SC656EVB Datasheet HTML 11Page - Semtech Corporation SC656EVB Datasheet HTML 12Page - Semtech Corporation SC656EVB Datasheet HTML 13Page - Semtech Corporation SC656EVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SC656
0
Pin Descriptions
Pin #
Pin Name
Pin Function

ENS
Enable pin for sub display LED bank — also used as the PWM dimming control input for this bank
2
IN
Battery voltage input
3
ISETM
Current setting pin — connect a resistor between ISETM and IN to set the main bank LED
current.
4
ISETS
Current setting pin — connect a resistor between ISETS and IN to set the sub bank LED
current.
5
BL
Current sink output for backlight LED  — leave this pin open if unused
6
BL2
Current sink output for backlight LED 2 — leave this pin open if unused
7
BL3
Current sink output for main backlight LED 3 — leave this pin open if unused
8
BL4
Current sink output for main backlight LED 4 — leave this pin open if unused
9
BL5
Current sink output for main backlight LED 5 — leave this pin open if unused
0
BL6
Current sink output for main backlight LED 6 — leave this pin open if unused

BL7
Current sink output for main backlight LED 7 — leave this pin open if unused
2
BANK 
Logic input that, along with BANK 2, controls the configuration of the main and sub bank functions. See
application information section for details.
3
BANK 2
Logic input that, along with BANK , controls the configuration of the main and sub bank functions. See
application information section for details.
4
GND
Ground pin
5
C2-
Negative connection to bucket capacitor 2
6
C-
Negative connection to bucket capacitor 
7
C+
Positive connection to bucket capacitor 
8
C2+
Positive connection to bucket capacitor 2
9
OUT
Charge pump output — all LED anode pins are connected to this pin.
20
ENM
Enable pin for the main display LED bank — also used as the PWM dimming control input for this bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com