Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC656EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC656EVB
Description  Backlight Driver for 7 LEDs with Charge Pump and PWM Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC656EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC656EVB Datasheet HTML 1Page - Semtech Corporation SC656EVB Datasheet HTML 2Page - Semtech Corporation SC656EVB Datasheet HTML 3Page - Semtech Corporation SC656EVB Datasheet HTML 4Page - Semtech Corporation SC656EVB Datasheet HTML 5Page - Semtech Corporation SC656EVB Datasheet HTML 6Page - Semtech Corporation SC656EVB Datasheet HTML 7Page - Semtech Corporation SC656EVB Datasheet HTML 8Page - Semtech Corporation SC656EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SC656
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
() Tested according to JEDEC standard JESD22-A4-B.
(2) ∆V
F(max) = .0V when VIN = 2.9V, higher VIN supports higher ∆VF(max)
(3) Calculated from package in still air, mounted to 3 x 4.5(in), 4 layer FR4 PCB per JESD5 standards.
Absolute Maximum Ratings
IN, OUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
C+, C2+ (V) . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
OUT + 0.3)
Pin Voltage — All Other Pins (V) . . . . . . . . . -0.3 to (V
IN + 0.3)
OUT Short Circuit Duration . . . . . . . . . . . . . . . . . Continuous
ESD Protection Level() (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Unless otherwise noted, T
A = +25°C for Typ, -40°C to +85°C for Min and Max, TJ(MAX) = 25°C, VIN = 3.7V, CIN= COUT = C= C2= 2.2µF, (ESR = 0.03Ω),
500µA < I
FS_BL < 25mA, Duty Cycle of PWM = 00%, All 7 LEDs connected and enabled as a single bank.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Shutdown Current
I
Q(OFF)
T
A = 25°C
0.
2
µA
Quiescent Current
I
Q
x mode, V
IN = 3.7V, 7 LEDs at mA on main bank,
PWM duty cycle = 5%, R
ISETM = 4.99kΩ
2.5
mA
.5x mode, V
IN = 3.2V, 7 LEDs at mA on main bank,
PWM duty cycle = 5%, R
ISETM = 4.99kΩ
2.8
2x mode, V
IN = 2.9V, 7 LEDs at mA on main bank,
PWM duty cycle = 5%, R
ISETM = 4.99kΩ
3.0
Maximum Total Output Current
I
OUT(MAX)
V
IN > 3.0V, sum of all active LED currents,
V
OUT(MAX) = 4.2V
75
mA
Backlight Current Setting
I
FS_BL
PWM duty cycle = 00%, 200kΩ ≥ R
ISETX ≥ 4kΩ
0.5
25
mA
Current Gain()
I
GAIN
Gain from I
ISETX to IFS_BL
00
A/A
Current Set Voltage
V
IN - ISET
Voltage across R
ISETX

V
Backlight Current Matching(2)
I
BL-BL
I
FS_BL = 2mA, Duty = 00%
-3.5
±0.5
+3.5
%
Backlight Current Accuracy
I
BL_ACC
I
FS_BL = 2mA, Duty = 00%
±.5
%
EN/PWM Input Frequency
f
EN/PWM
Duty-cycle percentage changes linearly with I
FS_BL
0.2
50
kHz
ENM, ENS Minimum High
t
HIGH_MIN

µs
Electrical Characteristics
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . . . -40 ≤T
A ≤ +85
Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . . 2.9 to 5.5
Output Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . 2.5 to 5.25
VoltageDifferencebetweenanytwoLEDs(V)...∆V
F ≤ .0
(2)
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W) . . . 40
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +50
Storage Temperature Range (°C) . . . . . . . . . . . -65 to +50
Peak IR Reflow Temperature (0s to 30s) (°C) . . . . . . +260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com