Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8013A Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8013A
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013A Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8013A Datasheet HTML 1Page - Intersil Corporation ISL8013A Datasheet HTML 2Page - Intersil Corporation ISL8013A Datasheet HTML 3Page - Intersil Corporation ISL8013A Datasheet HTML 4Page - Intersil Corporation ISL8013A Datasheet HTML 5Page - Intersil Corporation ISL8013A Datasheet HTML 6Page - Intersil Corporation ISL8013A Datasheet HTML 7Page - Intersil Corporation ISL8013A Datasheet HTML 8Page - Intersil Corporation ISL8013A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN7526.0
November 25, 2009
Absolute Maximum Ratings (Reference to GND)
Thermal Information
VIN, VDD . . . . . . . . . . . . . . -0.3V to 6V (DC) or 7V (20ms)
EN, SYNCH, PG . . . . . . . . . . . . . . . . . .-0.3V to VIN + 0.3V
LX . . . -1.5V (100ns)/-0.3V (DC) to 6.5V (DC) or 7V (20ms)
VFB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.8V
Recommended Operating Conditions
VIN Supply Voltage Range . . . . . . . . . . . . . . . . 2.8V to 5.5V
Load Current Range . . . . . . . . . . . . . . . . . . . . . . . 0A to 3A
Ambient Temperature Range . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical, Notes 4, 5))θJA (°C/W)θJC (°C/W)
16 Ld 4x4 QFN Package . . . . . . .
39
3
Junction Temperature Range . . . . . . . . . . -55°C to +125°C
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
5. θJC, “case temperature” location is at the center of the exposed metal pad on the package underside.
Electrical Specifications Unless otherwise noted, all parameter limits are established over the recommended
operating conditions and the typical specification are measured at the following conditions
unless otherwise noted: TA = -40°C to +85°C, VIN = 3.6V, EN = VDD. Typical values are at
TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to
+85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7) TYP
MAX
(Note 7)
UNITS
INPUT SUPPLY
VIN Undervoltage Lockout Threshold
VUVLO
Rising, no load
-
2.6
2.8
V
Falling, no load
2.15
2.35
-
V
Quiescent Supply Current
IVIN
SYNCH = GND, no load at the output
-
35
-
µA
SYNCH = GND, no load at the output
and no switches switching
-
30
45
µA
SYNCH = VDD, FS = 1MHz, no load
at the output
-
6.5
10
mA
Shut Down Supply Current
ISD
VIN = 5.5V, EN = low
-
0.1
2
µA
OUTPUT REGULATION
Reference Voltage
VREF
0.790
0.8
0.810
V
VFB Bias Current
IVFB
VFB = 0.75V
-
0.1
-
µA
Line Regulation
VIN = VO + 0.5V to 5.5V (minimal
2.8V)
-
0.2
-
%/V
Soft-Start Ramp Time Cycle
-
1
-
ms
OVERCURRENT PROTECTION
Current Limit Blanking Time
tOCON
-
17
-
Clock pulses
Overcurrent and Auto Restart
Period
tOCOFF
-
4
-
SS cycle
Switch Current Limit
ILIMIT
(Note 6)
4.0
4.8
5.9
A
Peak Skip Limit
ISKIP
(Note 6)
-
1.2
-
A
COMPENSATION
Error Amplifier Trans-Conductance
-
20
-
µA/V
Trans-Resistance
RT
0.213
0.25
0.287
Ω
ISL8013A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com