Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8013A Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL8013A
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013A Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL8013A Datasheet HTML 8Page - Intersil Corporation ISL8013A Datasheet HTML 9Page - Intersil Corporation ISL8013A Datasheet HTML 10Page - Intersil Corporation ISL8013A Datasheet HTML 11Page - Intersil Corporation ISL8013A Datasheet HTML 12Page - Intersil Corporation ISL8013A Datasheet HTML 13Page - Intersil Corporation ISL8013A Datasheet HTML 14Page - Intersil Corporation ISL8013A Datasheet HTML 15Page - Intersil Corporation ISL8013A Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
FN7526.0
November 25, 2009
Theory of Operation
The ISL8013A is a step-down switching regulator
optimized for battery-powered handheld applications.
The regulator operates at 1MHz fixed switching
frequency under heavy load conditions to allow smaller
external inductors and capacitors to be used for minimal
printed-circuit board (PCB) area. At light load, the
regulator reduces the switching frequency, unless forced
to the fixed frequency, to minimize the switching loss and
to maximize the battery life. The quiescent current when
the output is not loaded is typically only 35µA. The
supply current is typically only 0.1µA when the regulator
is shut down.
PWM Control Scheme
Pulling the SYNCH pin HI (>2.5V) forces the converter
into PWM mode, regardless of output current. The
ISL8013A employs the current-mode pulse-width
modulation (PWM) control scheme for fast transient
response and pulse-by-pulse current limiting. Figure 2
shows the block diagram. The current loop consists of the
oscillator, the PWM comparator, current sensing circuit
and the slope compensation for the current loop stability.
The gain for the current sensing circuit is typically
250mV/A. The control reference for the current loops
comes from the error amplifier's (EAMP) output.
The PWM operation is initialized by the clock from the
oscillator. The P-Channel MOSFET is turned on at the
beginning of a PWM cycle and the current in the
MOSFET starts to ramp up. When the sum of the current
amplifier CSA and the slope compensation (237mV/µs)
reaches the control reference of the current loop, the
PWM comparator COMP sends a signal to the PWM logic
to turn off the P-MOSFET and turn on the N-Channel
MOSFET. The N-MOSFET stays on until the end of the
PWM cycle. Figure 36 shows the typical operating
waveforms during the PWM operation. The dotted lines
illustrate the sum of the slope compensation ramp and
the current-sense amplifier’s CSA output.
The output voltage is regulated by controlling the VEAMP
voltage to the current loop. The bandgap circuit outputs
a 0.8V reference voltage to the voltage loop. The
feedback signal comes from the VFB pin. The soft-start
FIGURE 33. OUTPUT SHORT CIRCUIT
FIGURE 34. OUTPUT SHORT CIRCUIT RECOVERY
FIGURE 35. OUTPUT CURRENT LIMIT vs TEMPERATURE
Typical Operating Performance Unless otherwise noted, operating conditions are: T
A = +25°C,
VVIN = 2.5V to 5.5V, EN = VIN, SYNCH = 0V, L = 1.5µH,
C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A to 3A. (Continued)
PHASE 2V/DIV
VOUT 0.5V/DIV
IL 2A/DIV
PG 5V/DIV
LX 2V/DIV
VOUT 1V/DIV
IL 2A/DIV
PG 5V/DIV
4.000
4.125
4.250
4.375
4.500
4.625
4.750
4.875
5.000
-50
-25
0
255075
100
TEMPERATURE (°C)
OCP_3.3VIN
OCP_5VIN
ISL8013A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com