Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8013A Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8013A
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8013A Datasheet HTML 5Page - Intersil Corporation ISL8013A Datasheet HTML 6Page - Intersil Corporation ISL8013A Datasheet HTML 7Page - Intersil Corporation ISL8013A Datasheet HTML 8Page - Intersil Corporation ISL8013A Datasheet HTML 9Page - Intersil Corporation ISL8013A Datasheet HTML 10Page - Intersil Corporation ISL8013A Datasheet HTML 11Page - Intersil Corporation ISL8013A Datasheet HTML 12Page - Intersil Corporation ISL8013A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN7526.0
November 25, 2009
FIGURE 15. OUTPUT VOLTAGE REGULATION vs VIN
(PWM VOUT = 1.8 )
FIGURE 16. OUTPUT VOLTAGE REGULATION vs VIN
(PFM VOUT = 1.8V)
FIGURE 17. STEADY STATE OPERATION AT NO LOAD
(PWM)
FIGURE 18. STEADY STATE OPERATION AT NO LOAD
(PFM)
FIGURE 19. STEADY STATE OPERATION WITH FULL
LOAD
FIGURE 20. MODE TRANSITION CCM TO DCM
Typical Operating Performance Unless otherwise noted, operating conditions are: T
A = +25°C,
VVIN = 2.5V to 5.5V, EN = VIN, SYNCH = 0V, L = 1.5µH,
C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A to 3A. (Continued)
1.750
1.760
1.770
1.780
1.790
1.800
1.810
1.820
1.830
2.02.5
3.0
3.5
4.04.5
5.05.5
INPUT VOLTAGE (V)
3A LOAD PWM
0A LOAD PWM
1.750
1.760
1.770
1.780
1.790
1.800
1.810
1.820
1.830
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
3A LOAD
0A LOAD
LX 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 0.5A/DIV
LX 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 0.5A/DIV
LX 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV
LX 2V/DIV
VOUT RIPPLE 50mV/DIV
IL 1A/DIV
ISL8013A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com