Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8013A Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL8013A
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013A Datasheet(HTML) 2 Page - Intersil Corporation

  ISL8013A Datasheet HTML 1Page - Intersil Corporation ISL8013A Datasheet HTML 2Page - Intersil Corporation ISL8013A Datasheet HTML 3Page - Intersil Corporation ISL8013A Datasheet HTML 4Page - Intersil Corporation ISL8013A Datasheet HTML 5Page - Intersil Corporation ISL8013A Datasheet HTML 6Page - Intersil Corporation ISL8013A Datasheet HTML 7Page - Intersil Corporation ISL8013A Datasheet HTML 8Page - Intersil Corporation ISL8013A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN7526.0
November 25, 2009
Pin Configuration
ISL8013A
(16 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL8013AIRZ
80 13AIRZ
-40 to +85
16 Ld 4x4 QFN
L16.4x4
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8013A. For more information on MSL please
see techbrief TB363.
1
3
4
15
VIN
VIN
VDD
SYNCH
16
14 13
2
12
10
9
11
6
57
8
PGND
PGND
SGND
SGND
Refer to Application Note AN1365 for more layout suggestions.
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2
VIN
Input supply voltage. Connect a 10µF ceramic capacitor to power ground.
3
VDD
Input supply voltage for the analog circuitry. Connect to VIN pin.
5
EN
Regulator enable pin. Enable the output when driven to high. Shut down the chip and
discharge output capacitor when driven to low. Do not leave this pin floating.
7
PG
1ms timer output. At power-up or EN HI, this output is a 1ms delayed Power-Good signal
for the output voltage.
4
SYNCH
Mode Selection pin. Connect to logic high or input voltage VDD for PWM mode. Connect
to logic low or ground for PFM mode. Connect to an external function generator for
synchronization with the negative edge trigger. Do not leave this pin floating.
13, 14, 15
LX
Switching node connection. Connect to one terminal of the inductor.
11, 12
PGND
Power ground
9, 10
SGND
Signal ground.
8
VFB
Buck regulator output feedback. Connect to the output through a resistor divider for
adjustable output voltage. For 0.8V output voltage, connect this pin to the output.
6, 16
NC
No connect.
-
Exposed Pad
The exposed pad must be connected to the SGND pin for proper electrical performance.
Place as much vias as possible under the pad connecting to SGND plane for optimal
thermal performance.
ISL8013A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com