Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8013A Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8013A
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013A Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8013A Datasheet HTML 1Page - Intersil Corporation ISL8013A Datasheet HTML 2Page - Intersil Corporation ISL8013A Datasheet HTML 3Page - Intersil Corporation ISL8013A Datasheet HTML 4Page - Intersil Corporation ISL8013A Datasheet HTML 5Page - Intersil Corporation ISL8013A Datasheet HTML 6Page - Intersil Corporation ISL8013A Datasheet HTML 7Page - Intersil Corporation ISL8013A Datasheet HTML 8Page - Intersil Corporation ISL8013A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
3A Low Quiescent Current 1MHz High Efficiency
Synchronous Buck Regulator
ISL8013A
The ISL8013A is a high efficiency, monolithic,
synchronous step-down DC/DC converter that can
deliver up to 3A continuous output current from a 2.8V to
5.5V input supply. It uses a current control architecture
to deliver very low duty cycle operation at high frequency
with fast transient response and excellent loop stability.
The ISL8013A integrates a pair of low ON-resistance
P-Channel and N-Channel internal MOSFETs to maximize
efficiency and minimize external component count. The
100% duty-cycle operation allows less than 300mV
dropout voltage at 3A output current. High 1MHz
pulse-width modulation (PWM) switching frequency
allows the use of small external components and SYNC
input enables multiple ICs to synchronize out of phase to
reduce ripple and eliminate beat frequencies.
The ISL8013A can be configured for discontinuous or
forced continuous operation at light load. Forced
continuous operation reduces noise and RF interference
while discontinuous mode provides high efficiency by
reducing switching losses at light loads.
Fault protection is provided by internal hiccup mode
current limiting during short circuit and overcurrent
conditions, an output over voltage comparator and
over-temperature monitor circuit. A power good output
voltage monitor indicates when the output is in
regulation.
The ISL8013A is offered in a space saving 4x4 QFN lead
free package with exposed pad lead frames for low
thermal resistance.
The ISL8013A includes a pair of low ON-resistance
P-Channel and N-Channel internal MOSFETs to maximize
efficiency and minimize external component count. The
100% duty-cycle operation allows less than 300mV
dropout voltage at 3A.
The ISL8013A offers a 1ms Power Good (PG) timer at
power-up. When shutdown, ISL8013A discharges the
output capacitor. Other features include internal
soft-start, internal compensation, overcurrent protection,
and thermal shutdown.
The ISL8013A is offered in a 4mmx4mm 16 Ld QFN
package with 1mm maximum height. The complete
converter occupies less than 0.4in2 area.
Features
• High Efficiency Synchronous Buck Regulator with up
to 97% Efficiency
• Power-Good (PG) Output with a 1ms Delay
• 2.8V to 5.5V Supply Voltage
• 3% Output Accuracy Over-Temperature/Load/Line
• 3A Output Current
• Start-Up with Pre-Biased Output
• Internal Soft-Start - 1ms
• Soft-Stop Output Discharge During Disabled
• 35µA Quiescent Supply Current in PFM Mode
• Selectable Forced PWM Mode and PFM Mode
• External Synchronization up to 4MHz
• Less than 1µA Logic Controlled Shutdown Current
• 100% Maximum Duty Cycle
• Internal Current Mode Compensation
• Peak Current Limiting and Hiccup Mode Short Circuit
Protection
• Over-Temperature Protection
• Small 16 Ld 4mmx4mm QFN
• Pb-Free (RoHS Compliant)
Applications*(see page 16)
• DC/DC POL Modules
•µC/µP, FPGA and DSP Power
• Plug-in DC/DC Modules for Routers and Switchers
•Portable Instruments
• Test and Measurement Systems
• Li-ion Battery Powered Devices
• Small Form Factor (SFP) Modules
• Bar Code Readers
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
November 25, 2009
FN7526.0


Similar Part No. - ISL8013A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013A RENESAS-ISL8013A Datasheet
1Mb / 18P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Dec 3, 2021
ISL8013AEVAL2Z RENESAS-ISL8013AEVAL2Z Datasheet
2Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013AEVAL2Z RENESAS-ISL8013AEVAL2Z Datasheet
1Mb / 18P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Dec 3, 2021
ISL8013AIRZ RENESAS-ISL8013AIRZ Datasheet
2Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8013A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 27, 2007
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 20, 2007
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 4, 2009
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 23, 2009
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com