Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2213 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
4
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Lead Free
Green
Lead Free
Green
TO-252-2 (1)
-40 to 125oC
AP2213D-2.5E1
AP2213D-2.5G1
AP2213D-2.5E1
AP2213D-2.5G1
Tube
AP2213D-2.5TRE1
AP2213D-2.5TRG1
AP2213D-2.5E1
AP2213D-2.5G1
Tape & Reel
AP2213D-3.0E1
AP2213D-3.0G1
AP2213D-3.0E1
AP2213D-3.0G1
Tube
AP2213D-3.0TRE1
AP2213D-3.0TRG1
AP2213D-3.0E1
AP2213D-3.0G1
Tape & Reel
AP2213D-3.3E1
AP2213D-3.3G1
AP2213D-3.3E1
AP2213D-3.3G1
Tube
AP2213D-3.3TRE1
AP2213D-3.3TRG1
AP2213D-3.3E1
AP2213D-3.3G1
Tape & Reel
SOIC-8
-40 to 125oC
AP2213M-2.5E1
AP2213M-2.5G1
2213M-2.5E1
2213M-2.5G1
Tube
AP2213M-2.5TRE1
AP2213M-2.5TRG1
2213M-2.5E1
2213M-2.5G1
Tape & Reel
AP2213M-3.0E1
AP2213M-3.0G1
2213M-3.0E1
2213M-3.0G1
Tube
AP2213M-3.0TRE1
AP2213M-3.0TRG1
2213M-3.0E1
2213M-3.0G1
Tape & Reel
AP2213M-3.3E1
AP2213M-3.3G1
2213M-3.3E1
2213M-3.3G1
Tube
AP2213M-3.3TRE1
AP2213M-3.3TRG1
2213M-3.3E1
2213M-3.3G1
Tape & Reel
SOT-223
-40 to 125oC
AP2213H-2.5TRE1
AP2213H-2.5TRG1
EH13C
GH13C
Tape & Reel
AP2213H-3.0TRE1
AP2213H-3.0TRG1
EH13E
GH13E
Tape & Reel
AP2213H-3.3TRE1
AP2213H-3.3TRG1
EH13F
GH13F
Tape & Reel
Circuit Type
Package
E1: Lead Free
AP2213
-
TR: Tape and Reel
Blank: Tube
Ordering Information
2.5: Fixed Output 2.5V
3.0: Fixed Output 3.0V
3.3: Fixed Output 3.3V
M: SOIC-8
D: TO-252-2 (1)
G1: Green
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
H: SOT-223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com