Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2213 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
11
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Ripple Rejection
PSRR
f=100Hz, IOUT=100µA75
dB
Current Limit
ILIMIT
VOUT=0V
700
1000
mA
Output Noise
eno
IOUT=50mA, COUT=2.2µF,
100pF from BYP to GND
260
Enable Input Logic-low
Voltage
VIL
Regulator shutdown
0.4
V
0.18
Enable Input Logic-high Voltage
VIH
Regulator enabled
2.0
V
Enable Input Logic-low Current
IIL
VIL≤0.4V
0.01
1
µA
VIL≤0.18V
2
Enable Input Logic-high Current
IIH
VIL≥2.0V
5
20
µA
VIL≥2.0V
25
Thermal Resistance
θJC
TO-252-2 (1)
20
oC/W
SOIC-8
45
SOT-223
31
Hz
nV /
Note 2: Specifications in bold type are limited to -40oC
≤TJ≤125oC. Limits over temperature are guaranteed by design, but not
tested in production.
Note 3: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
Note 4: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 0.1mA to 500mA. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 1% (TJ=25oC) or 2% (-
40oC
≤TJ≤125oC) below its nominal value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the
supply is the sum of the load current plus the ground pin current.
Electrical Characteristics (Continued)
VIN=4.3V, IOUT=100µA, CIN=1.0µF, COUT=2.2µF, VEN≥2.0V, TJ=25oC, Bold typeface applies over -40oC≤TJ≤125oC (Note 2),
unless otherwise specified.
AP2213-3.3 Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com