Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 18 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet(HTML) 18 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2213 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 20Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 21Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 22Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
18
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Input Capacitor
A 1
µF minimum capacitor is recommended to be
placed between VIN and GND.
Output Capacitor
It is required to prevent oscillation. 1
µF minimum is
recommended when CBYP is unused. 2.2µF mini-
mum is recommended when CBYP is 100pF. The out-
put capacitor may be increased to improve transient
response.
Noise Bypass Capacitor
Bypass capacitor is connected to the internal voltage
reference. A 100pF capacitor connected from BYP to
GND make this reference quiet, resulting in a
significant reduction in output noise, but the ESR
stable area will be narrowed.
The start-up speed of the AP2213 is inversely
proportional to the value of reference bypass
capacitor. In some cases, if output noise is not a
major concern and rapid turn-on is necessary, omit
CBYP and leave BYP open.
Power Dissipation
Thermal shutdown may take place if exceeding the
maximum power dissipation in application. Under all
possible operating conditions, the junction tempera-
ture must be within the range specified under abso-
lute maximum ratings to avoid thermal shutdown.
To determine if the power dissipated in the regulator
reaches the maximum power dissipation (see figure
16, 17), using:
TJ = PD*θJA + TA
PD=(VIN-VOUT)*IOUT+VIN*IGND
Where: TJ≤TJ(max), TJ(max) is absolute maximum rat-
ings for the junction temperature; VIN*IGND can be
ignored due to its small value.
TJ(max) is 150oC, θJA is 90oC/W for TO-252-2 (1)
package and 160oC/W for SOIC-8 package.
Example: For 2.5V version packaged in SOIC-8,
IOUT=500mA, TA=50oC, VIN(Max) is:
(150oC-50oC)/(0.5A*160oC/W)+2.5V=3.75V
Therefore, for good performance, please make sure
that input voltage is less than 3.75V without heatsink
when TA=50oC.
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com