Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2213 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
8
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
VIN=4V, IOUT=100µA, CIN=1.0µF, COUT=2.2µF, VEN≥2.0V, TJ=25oC, Bold typeface applies over -40oC≤TJ≤125oC (Note 2),
unless otherwise specified.
AP2213-3.0 Electrical Characteristics
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
∆VOUT/VOUT
Variation from specified
VOUT
-1
1
%
-2
2
Output Voltage
Temperature Coefficient
(Note 3)
∆VOUT/∆T
120
µV/oC
(
∆VOUT/VOUT)/∆T
40
ppm/oC
Line Regulation
VRLINE
VIN=4V to 13.2V
1.5
4.5
mV
12
Load Regulation
(Note 4)
VRLOAD
IOUT=0.1mA to 500mA
18
mV
17
Dropout Voltage (Note 5)
VDROP
IOUT=100µA
15
50
mV
70
IOUT=50mA
110
150
230
IOUT=100mA
140
250
300
IOUT=150mA
165
275
350
IOUT=300mA
250
400
500
IOUT=500mA
350
600
700
Standby Current
ISTD
VEN≤0.4V (shutdown)
0.01
1
µA
VEN≤0.18V (shutdown)
5
Ground Pin Current
(Note 6)
IGND
VEN≥2.0V, IOUT=100µA
100
150
µA
180
VEN≥2.0V, IOUT=50mA
350
600
800
VEN≥2.0V, IOUT=150mA
1.3
1.9
mA
2.5
VEN≥2.0V, IOUT=300mA
410
15
VEN≥2.0V, IOUT=500mA
11
20
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com