Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2213 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
2
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Pin Descrition
Pin Number
Pin Name
Function
TO-252-2 (1)
SOIC-8
SOT-223
3
3
2
VOUT
Regulated output voltage
2
5, 6, 7, 8
1
GND
Ground
1
2
3
VIN
Input Voltage
1EN
Enable input: CMOS or TTL compatible input. Logic
high=enable, logic low=shutdown
4
BYP
Bypass capacitor for low noise operation
Figure 2. Pin Configuration of AP2213 (Top View)
Pin Configuration
M Package
(SOIC-8)
D Package
(TO-252-2 (1))
H Package
(SOT-223)
VOUT
GND
VIN
1
2
3
1
2
3
4
8
7
6
5
VOUT
GND
VIN
GND
GND
GND
BYP
EN
VIN
VOUT
GND
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com