Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5156 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5156
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5156 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5156 Datasheet HTML 1Page - Anpec Electronics Coropration APL5156 Datasheet HTML 2Page - Anpec Electronics Coropration APL5156 Datasheet HTML 3Page - Anpec Electronics Coropration APL5156 Datasheet HTML 4Page - Anpec Electronics Coropration APL5156 Datasheet HTML 5Page - Anpec Electronics Coropration APL5156 Datasheet HTML 6Page - Anpec Electronics Coropration APL5156 Datasheet HTML 7Page - Anpec Electronics Coropration APL5156 Datasheet HTML 8Page - Anpec Electronics Coropration APL5156 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Oct., 2009
APL5156
www.anpec.com.tw
2
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN,VEN
VIN, EN to GND Voltage
- 27 to 27
V
EN to VIN Voltage
-27 to 27
V
VOUT,VADJ
VOUT, ADJ to GND Voltage
- 0.3 to 27
V
VOUT, ADJ to VIN Voltage
-27 to 27
V
PD
Power Dissipation
Internally Limited
W
TJ
Operating Junction Temperature
-40 to 125
oC
TSTG
Storage Temperature Range
-65 to +150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Package Code
B : SOT-23-5
D : SOT-89
KA : SOP-8P
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Voltage Code :
33 : 3.3V
50 : 5.0V
Blank : Adjustable Version
Assembly Material
G : Halogen and Lead Free Device
APL5156
Handling Code
Temperature Range
Package Code
Voltage Code
Assembly Material
L56X
X - Date Code
APL5156
B :
X - Date Code
;
33 - 3.3V
APL5156
33B :
X - Date Code ;
50 - 5.0V
APL5156
50B :
APL5156
XXXXX
XXXXX - Date Code
;
33 - 3.3V
APL5156
D :
APL5156
XXXXX33
XXXXX - Date Code
APL5156
KA :
56RX
56ZX
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance-Junction to Ambient
(Note 2)
SOT-23-5
SOT-89
SOP-8P
235
180
50
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com