Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5156 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5156
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5156 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5156 Datasheet HTML 1Page - Anpec Electronics Coropration APL5156 Datasheet HTML 2Page - Anpec Electronics Coropration APL5156 Datasheet HTML 3Page - Anpec Electronics Coropration APL5156 Datasheet HTML 4Page - Anpec Electronics Coropration APL5156 Datasheet HTML 5Page - Anpec Electronics Coropration APL5156 Datasheet HTML 6Page - Anpec Electronics Coropration APL5156 Datasheet HTML 7Page - Anpec Electronics Coropration APL5156 Datasheet HTML 8Page - Anpec Electronics Coropration APL5156 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Oct., 2009
APL5156
www.anpec.com.tw
4
Typical Operating Characteristics
Frequency (Hz)
PSRR vs. Frequency
Output Current (mA)
Dropout Voltage vs. Output Current
Temperature (oC)
Dropout Voltage vs. Temperature
Output Current (mA)
Quiescent Current vs. Output Current
Input Voltage (V)
Quiescent Current vs. Input Voltage
Temperature (oC)
Quiescent Current vs. Temperature
I
OUT=150mA
0
0.5
1
1.5
2
2.5
-40 -20
0
20
40
60
80 100 120
0
1000
2000
3000
4000
5000
6000
0
20
40
60
80
100
120
140
V
IN=6V
-40 -20
0
20
40
60
80 100 120
50
55
60
65
70
75
80
85
90
I
OUT=10mA
40
50
60
70
80
90
100
6
8
10 12
14
16
18 20
22 24
I
OUT=10mA
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100 120
140
T
A=25°
C
IOUT=10mA
IOUT=100mA
10
100
1K
10K
100K
0
-20
-40
-60
-80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com