Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5156 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5156
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5156 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5156 Datasheet HTML 1Page - Anpec Electronics Coropration APL5156 Datasheet HTML 2Page - Anpec Electronics Coropration APL5156 Datasheet HTML 3Page - Anpec Electronics Coropration APL5156 Datasheet HTML 4Page - Anpec Electronics Coropration APL5156 Datasheet HTML 5Page - Anpec Electronics Coropration APL5156 Datasheet HTML 6Page - Anpec Electronics Coropration APL5156 Datasheet HTML 7Page - Anpec Electronics Coropration APL5156 Datasheet HTML 8Page - Anpec Electronics Coropration APL5156 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Oct., 2009
APL5156
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
Features
General Description
Applications
•
USB Power Supply
•
Keep-Alive Supply in Notebook and Portable
Computers
•
Logic Supply for High-Voltage Batteries
•
Battery Powered Systems
Simplified Application Circuit
•
Wide Operating Voltage : 6.5V~25V
•
Ultra Low Ground Current : 70
µA
•
High Output Accuracy :
±2% Over Temperature
•
Excellent Load/Line Transient
•
Low Dropout Voltage : 1900mv @ 150mA
•
Fixed Output Voltages for 5V/3.3V or Adjustable
Voltage
•
Built-In Reverse Battery Protection
•
Built-In Reverse Leakage Protection
•
Built-In Current-Limit Protection
•
Built-In Over-Temperature Protection
•
Zero Shutdown Current
•
Internal Soft-Start Function 0.5ms~1.5ms (max)
Over Temperature
•
POR Scheme to Prevent V
OUT Spike
•
Stable with Aluminum, Tantalum, or Ceramic
Capacitors
•
SOT-23-5, SOT-89, and SOP-8P Packages
•
Lead Free and Green Devices Available
(RoHS Compliant)
Pin Configuration
The APL5156 is a low ground current linear regulator,
which operates with input voltage from 6.5V to 25V and
delivers output current up to 150mA. Typical dropout volt-
age is only 1.9V at 150mA loading. This combination of
the high voltage and the low ground current makes the
APL5156 ideal for USB and portable devices, using 2-
cell or 3-cell Li-Ion battery inputs.
The APL5156 is stable with aluminum, tantalum, and
ceramic capacitors. It requires a 2.2
µF or greater capaci-
tor for stability.
The APL5156 has many protection functions, including
over-temperature, current-limit, reverse battery, and
reverse leakage protections which prevent the device from
thermal over-load, current over-load, reverse connection
of the battery and output current reversing to the VIN.
The APL5156 regulator is available in miniature SOT-23-
5, SOT-89, and SOP-8P packages.
SOT-89
TAB: VIN
VIN 2
VOUT 3
GND 1
GND 2
5 VOUT
EN 3
4 NC/ADJ
VIN 1
SOT-23-5
NC 2
7 GND
NC 3
NC/ADJ 4
6 NC
5 EN
8 VIN
VOUT 1
Thermal Pad (connected to GND
plane for better dissipation)
SOP-8P
VIN
EN
GND
VOUT
ADJ
APL5156
C
IN
1µF
C
OUT
2.2µF
Adjustable Output Voltage (SOT-23-5/SOP-8P)


Similar Part No. - APL5156

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-13B ANPEC-APL5151-13B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-14B ANPEC-APL5151-14B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-15B ANPEC-APL5151-15B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-16B ANPEC-APL5151-16B Datasheet
881Kb / 16P
Low IQ, Low Dropout 150mA Fixed Voltage Regulator
More results

Similar Description - APL5156

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Unisonic Technologies
LM5954 UTC-LM5954 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR
LP5951 UTC-LP5951 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155 Datasheet
302Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL5155E ANPEC-APL5155E Datasheet
232Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com