Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5156 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5156
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5156 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5156 Datasheet HTML 2Page - Anpec Electronics Coropration APL5156 Datasheet HTML 3Page - Anpec Electronics Coropration APL5156 Datasheet HTML 4Page - Anpec Electronics Coropration APL5156 Datasheet HTML 5Page - Anpec Electronics Coropration APL5156 Datasheet HTML 6Page - Anpec Electronics Coropration APL5156 Datasheet HTML 7Page - Anpec Electronics Coropration APL5156 Datasheet HTML 8Page - Anpec Electronics Coropration APL5156 Datasheet HTML 9Page - Anpec Electronics Coropration APL5156 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Oct., 2009
APL5156
www.anpec.com.tw
6
Operating Waveforms
Load Transient
Line Transient
Exiting Shutdown Waveform
Time (0.5ms/div)
Entering Shutdown Delay
Time (0.5ms/div)
V
IN=6V ; CIN=1µF ; COUT=2.2µF ; IOUT=100mA
V
EN(2V/div)
V
OUT(2V/div)
V
IN=6V ; CIN=1µF ; COUT=2.2µF ; IOUT=100mA
V
EN(2V/div)
V
OUT(2V/div)
V
IN=12V ; VOUT=3.3V ; CIN=1µF ; COUT=2.2µF
V
OUT(100mV/div)
I
OUT(1~150mA)
Time (50µs/div)
V
OUT(200mV/div) ; COUT=2.2µF ; IOUT=10mA
V
IN=11.5V~12.5V ; TR=1µs
Time (50µs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com