Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5156 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5156
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5156 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5156 Datasheet HTML 1Page - Anpec Electronics Coropration APL5156 Datasheet HTML 2Page - Anpec Electronics Coropration APL5156 Datasheet HTML 3Page - Anpec Electronics Coropration APL5156 Datasheet HTML 4Page - Anpec Electronics Coropration APL5156 Datasheet HTML 5Page - Anpec Electronics Coropration APL5156 Datasheet HTML 6Page - Anpec Electronics Coropration APL5156 Datasheet HTML 7Page - Anpec Electronics Coropration APL5156 Datasheet HTML 8Page - Anpec Electronics Coropration APL5156 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Oct., 2009
APL5156
www.anpec.com.tw
3
Symbol
Parameter
Typical Value
Unit
θ
JC
Thermal Resistance-Junction to Case
SOT-23-5
SOT-89
SOP-8P
130
38
20
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Electrical Characteristics
Unless otherwise noted, these specifications apply over VIN=VOUT+2.5V, CIN=1µF, COUT=2.2
µF, T
A=-40
oC to 85oC. Typical values refer
to TA=25
oC.
APL5156
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
6.5
-
25
V
VOUT
Output Voltage Accuracy
-2
-
2
%
Output Voltage Range
3
-
20
V
IOUT=0.1mA
-
70
100
µA
IOUT=50mA
-
0.5
1
mA
IOUT=100mA
-
2
3.5
mA
IQ
Quiescent Current
IOUT=150mA
-
5
7
mA
IOUT
Load Current Range
0
-
150
mA
VREF
Reference Voltage
-2%
1.24
+2%
V
REGLINE
Line Regulation
VOUT+2.5V<VIN<25V, IOUT=1mA
-
0.01
-
%
REGLOAD
Load Regulation
0.1mA<IOUT<150mA
-
0.4
1
%
IOUT=0.1mA
-
1300
1900
IOUT=50mA
-
1600
2000
IOUT=100mA
-
1700
2100
VDROP
Dropout Voltage
IOUT=150mA
-
1900
2300
mV
POWER-ON-RESET (POR)
Rising VIN Threshold
4
5
6
V
PROTECTIONS
Over-Temperature Shutdown
-
150
-
oC
OTS
Over-Temperature Shutdown
Hysteresis
-
10
-
oC
ILIMIT
Circuit Current Limit
VIN =VOUT +2.5V
250
350
500
mA
ISHORT
Short Current
VOUT=0V
-
50
-
mA
Load=500
Ω,V
IN= -15V, EN=GND
-
-3
-5
µA
Output Leakage,
Reverse Polarity Input
Load=500
Ω, V
IN=VEN= -15V
-
-4
-5
mA
SOFT-START AND SHUTDOWN
TSS
Soft-Start Interval
From enable to VOUT = 90%
0.5
1
1.5
ms
Input High Voltage
2.5
-
-
VEN
Input Low Voltage
-
-
0.6
V
IEN
EN Pin Input Bias Current
VEN=25V
-
1
5
µA
IQSHDN
Shutdown Supply Current
EN=Low, VIN=19V
-
0.1
1
µA
Thermal Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com