Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5613 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613
Description  150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5613 Datasheet(HTML) 4 Page - Texas Instruments

  TAS5613 Datasheet HTML 1Page - Texas Instruments TAS5613 Datasheet HTML 2Page - Texas Instruments TAS5613 Datasheet HTML 3Page - Texas Instruments TAS5613 Datasheet HTML 4Page - Texas Instruments TAS5613 Datasheet HTML 5Page - Texas Instruments TAS5613 Datasheet HTML 6Page - Texas Instruments TAS5613 Datasheet HTML 7Page - Texas Instruments TAS5613 Datasheet HTML 8Page - Texas Instruments TAS5613 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TAS5613
SLAS676 – NOVEMBER 2009
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1)
TAS5613
UNIT
VDD to GND
–0.3 to 13.2
V
GVDD to GND
–0.3 to 13.2
V
PVDD_X to GND_X(2)
–0.3 to 53
V
OUT_X to GND_X(2)
–0.3 to 53
V
BST_X to GND_X(2)
–0.3 to 66.2
V
BST_X to GVDD_X(2)
–0.3 to 53
V
VREG to GND
–0.3 to 4.2
V
GND_X to GND
–0.3 to 0.3
V
GND to AGND
–0.3 to 0.3
V
OC_ADJ, M1, M2, M3, OSC_IO+, OSC_IO–, FREQ_ADJ, VI_CM, C_STARTUP,
–0.3 to 4.2
V
PSU_REF to GND
INPUT_X
–0.3 to 7
V
RESET, SD, OTW1, OTW2, CLIP, READY to GND
–0.3 to 7
V
Continuous sink current (SD, OTW1, OTW2, CLIP, READY)
9
mA
Operating junction temperature range, TJ
0 to 150
°C
Storage temperature, Tstg
–40 to 150
°C
Human-Body Model(3) (all pins)
±2
kV
Electrostatic discharge
Charged-Device Model(3) (all pins)
±500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltages represents the DC voltage + peak AC waveform measured at the terminal of the device in all conditions.
(3)
Failure to follow good anti-static ESD handling during manufacture and rework will contribute to device malfunction. Make sure the
operators handling the device are adequately grounded through the use of ground straps or alternative ESD protection.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
PVDD_x
Half-bridge supply
DC supply voltage
18
36
38
V
Supply for logic regulators and
GVDD_x
DC supply voltage
10.8
12
13.2
V
gate-drive circuitry
VDD
Digital regulator supply voltage
DC supply voltage
10.8
12
13.2
V
RL(BTL)
3.5
4
Output filter according to Figure 12 and
RL(SE)
Load impedance
2.8
3
Ω
Figure 13
RL(PBTL)
1.6
2
Output filter according to Figure 12 +
RL (BTL)
Load impedance
2.8
3
Ω
Schottky, ROC = 22kΩ
LOUT(BTL)
7
10
LOUT(SE)
Output filter inductance
Minimum output inductance at IOC
7
15
μH
LOUT(PBTL)
7
10
Nominal
350
400
450
PWM frame rate selectable for AM
FPWM
interference avoidance; 1%
AM1
300
340
380
kHz
Resistor tolerance
AM2
260
300
335
Nominal; Master mode
9.5
10
10.5
PWM frame rate programming
RFREQ_ADJ
AM1; Master mode
19.8
20
20.2
k
Ω
resistor
AM2; Master mode
29.7
30
30.3
CPVDD
PVDD close decoupling capacitors
2.0
μF
ROC
Over-current programming resistor
Resistor tolerance = 5%
22
30
k
Ω
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5613



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com