Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5613 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613
Description  150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5613 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5613 Datasheet HTML 6Page - Texas Instruments TAS5613 Datasheet HTML 7Page - Texas Instruments TAS5613 Datasheet HTML 8Page - Texas Instruments TAS5613 Datasheet HTML 9Page - Texas Instruments TAS5613 Datasheet HTML 10Page - Texas Instruments TAS5613 Datasheet HTML 11Page - Texas Instruments TAS5613 Datasheet HTML 12Page - Texas Instruments TAS5613 Datasheet HTML 13Page - Texas Instruments TAS5613 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TAS5613
SLAS676 – NOVEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
PVDD_X = 36V, GVDD_X = 12V, VDD = 12V, TC (Case temperature) = 75°C, fS = 400kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
50% duty cycle with recommended output
12.5
mA
filter
IPVDD_x
Half-bridge idle current
Reset mode, No switching
620
μA
ANALOG INPUTS
RIN
Input resistance
READY = HIGH
33
k
Ω
VIN
Maximum input voltage swing
7
V
IIN
Maximum input current
1
mA
G
Inverting voltage Gain, (VOUT/VIN)
21
dB
OSCILLATOR
Nominal, Master Mode
3.5
4
4.5
fOSC_IO+
AM1, Master Mode
FPWM × 10
3.0
3.4
3.8
MHz
AM2, Master Mode
2.6
3
3.35
VIH
High level input voltage
1.86
V
VIL
Low level input voltage
1.45
V
OUTPUT-STAGE MOSFETs
Drain-to-source resistance, low side (LS)
60
100
m
Ω
TJ = 25°C, Includes metallization resistance,
RDS(on)
GVDD = 12V
Drain-to-source resistance, high side (HS)
60
100
m
Ω
I/O PROTECTION
Undervoltage protection limit, GVDD_x
Vuvp,G
9.5
V
and VDD
Vuvp,hyst
(1)
0.6
V
Overtemperature warning 1, OTW1 (1)
95
100
105
°C
OTW
Overtemperature warning 2, OTW2 (1)
115
125
135
°C
Temperature drop needed below OTW
OTWHYST
(1)
temperature for OTW to be inactive after
25
°C
OTW event.
OTE(1)
Overtemperature error
145
155
165
°C
OTE-
OTE-OTW differential
30
°C
OTWdifferential
(1)
A reset needs to occur for SD to be
OTEHYST
(1)
25
°C
released following an OTE event
OLPC
Overload protection counter
fPWM = 400kHz
2.6
ms
Resistor – programmable, nominal peak
14
current in 1
Ω load, ROCP = 30kΩ
IOC
Overcurrent limit protection
A
Resistor – programmable, nominal peak
current in 1
Ω load, ROCP = 22kΩ (with
18
Schottky diodes on output nodes)
Resistor – programmable, peak current in
14
1
Ω load, ROCP = 64kΩ
IOC_LATCHED
Overcurrent limit protection
A
Resistor – programmable, nominal peak
current in 1
Ω load, ROCP = 47kΩ (with
18
Schottky diodes on output nodes)
Time from switching transition to flip-state
IOCT
Overcurrent response time
150
ns
induced by overcurrent.
Connected when RESET is active to provide
IPD
Output pulldown current of each half
3
mA
bootstrap charge. Not used in SE mode.
STATIC DIGITAL SPECIFICATIONS
VIH
High level input voltage
1.9
V
INPUT_X, M1, M2, M3, RESET
VIL
Low level input voltage
0.8
V
Leakage
Input leakage current
100
μA
(1)
Specified by design.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5613



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com