Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5613 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613
Description  150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5613 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5613 Datasheet HTML 4Page - Texas Instruments TAS5613 Datasheet HTML 5Page - Texas Instruments TAS5613 Datasheet HTML 6Page - Texas Instruments TAS5613 Datasheet HTML 7Page - Texas Instruments TAS5613 Datasheet HTML 8Page - Texas Instruments TAS5613 Datasheet HTML 9Page - Texas Instruments TAS5613 Datasheet HTML 10Page - Texas Instruments TAS5613 Datasheet HTML 11Page - Texas Instruments TAS5613 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
M1
M2
RESET
SD
OTW2
AGND
OC_ADJ
VREG
VDD
GVDD_A
M3
GND
INPUT_D
OUT_A
GND_A
PVDD_A
BST_A
GVDD_A
PWM
ACTIVITY
DETECTOR
GVDD_C
GVDD_B
INPUT_C
OUT_B
GND_B
PVDD_B
BST_B
GVDD_B
GVDD_D
GVDD_C
OUT_C
GND_C
PVDD_C
BST_C
GVDD_D
OUT_D
GND_D
PVDD_D
BST_D
INPUT_B
INPUT_A
PVDD_X
OUT_X
GND_X
TIMING
CONTROL
CONTROL
GATE-DRIVE
TIMING
CONTROL
CONTROL
GATE-DRIVE
TIMING
CONTROL
CONTROL
GATE-DRIVE
TIMING
CONTROL
CONTROL
GATE-DRIVE
PWM
RECEIVER
PWM
RECEIVER
PWM
RECEIVER
PWM
RECEIVER
+
-
+
-
+
-
+
-
VI_CM
PSU_FF
POWER-UP
RESET
TEMP
SENSE
OVER-LOAD
PROTECTION
PPSC
CB3C
UVP
CURRENT
SENSE
VREG
C_STARTUP
ANALOG
LOOP FILTER
ANALOG
LOOP FILTER
ANALOG
LOOP FILTER
ANALOG
LOOP FILTER
OSCILLATOR
FREQ_ADJ
OSC_SYNC_IO-
PSU
GND
_REF
4
4
4
OSC_SYNC_IO+
OTW1
READY
CLIP
STARTUP
CONTROL
PVDD_X
TAS5613
SLAS676 – NOVEMBER 2009
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5613



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com