Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5613 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613
Description  150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5613 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5613 Datasheet HTML 5Page - Texas Instruments TAS5613 Datasheet HTML 6Page - Texas Instruments TAS5613 Datasheet HTML 7Page - Texas Instruments TAS5613 Datasheet HTML 8Page - Texas Instruments TAS5613 Datasheet HTML 9Page - Texas Instruments TAS5613 Datasheet HTML 10Page - Texas Instruments TAS5613 Datasheet HTML 11Page - Texas Instruments TAS5613 Datasheet HTML 12Page - Texas Instruments TAS5613 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TAS5613
www.ti.com
SLAS676 – NOVEMBER 2009
AUDIO CHARACTERISTICS (BTL)
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1kHz, PVDD_X = 36V,
GVDD_X = 12V, RL = 4Ω, fS = 400kHz, ROC = 30kΩ, TC = 75°C, Output Filter: LDEM = 7μH, CDEM = 680nF, mode = 010,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 3Ω, 10% THD+N (ROC = 22kΩ, add
200
Schottky diodes from OUT_X to GND_X)
RL = 4Ω, 10% THD+N
150
PO
Power output per channel
W
RL = 3Ω, 1% THD+N (ROC = 22kΩ, add
160
Schottky diodes from OUT_X to GND_X)
RL = 4Ω, 1% THD+N
125
THD+N
Total harmonic distortion + noise
1 W
0.03%
A-weighted, AES17 filter, Input Capacitor
Vn
Output integrated noise
185
μV
Grounded
|VOS|
Output offset voltage
Inputs AC coupled to GND
20
50
mV
SNR
Signal-to-noise ratio(1)
100
dB
DNR
Dynamic range
100
dB
Pidle
Power dissipation due to Idle losses (IPVDD_X)
PO = 0, 4 channels switching
(2)
1.8
W
(1)
SNR is calculated relative to 1% THD+N output level.
(2)
Actual system idle losses also are affected by core losses of output inductors.
AUDIO CHARACTERISTICS (PBTL)
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1kHz, PVDD_X = 36V,
GVDD_X = 12V, RL = 2Ω, fS = 400 kHz, ROC = 30kΩ, TC = 75°C, Output Filter: LDEM = 7μH, CDEM = 680nF, MODE = 101-BD,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 2Ω, 10% THD+N
300
RL = 3Ω, 10% THD+N
200
RL = 4Ω, 10% THD+N
160
PO
Power output per channel
W
RL = 2Ω, 1% THD+N
250
RL = 3Ω, 1% THD+N
160
RL = 4Ω, 1% THD+N
130
THD+N
Total harmonic distortion + noise
1 W
0.05%
Vn
Output integrated noise
A-weighted
182
μV
SNR
Signal to noise ratio(1)
A-weighted
100
dB
DNR
Dynamic range
A-weighted
100
dB
Pidle
Power dissipation due to idle losses (IPVDD_X) PO = 0, 4 channels switching
(2)
1.8
W
(1)
SNR is calculated relative to 1% THD+N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
ELECTRICAL CHARACTERISTICS
PVDD_X = 36V, GVDD_X = 12V, VDD = 12V, TC (Case temperature) = 75°C, fS = 400kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
Voltage regulator, only used as reference
VREG
VDD = 12V
3
3.3
3.6
V
node
Analog comparator reference node,
1.5
1.75
1.9
V
VI_CM
Operating, 50% duty cycle
20
IVDD
VDD supply current
mA
Idle, reset mode
20
50% duty cycle
10
IGVDD_x
Gate-supply current per half-bridge
mA
Reset mode
1.5
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5613



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com