Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5613 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613
Description  150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5613 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5613 Datasheet HTML 1Page - Texas Instruments TAS5613 Datasheet HTML 2Page - Texas Instruments TAS5613 Datasheet HTML 3Page - Texas Instruments TAS5613 Datasheet HTML 4Page - Texas Instruments TAS5613 Datasheet HTML 5Page - Texas Instruments TAS5613 Datasheet HTML 6Page - Texas Instruments TAS5613 Datasheet HTML 7Page - Texas Instruments TAS5613 Datasheet HTML 8Page - Texas Instruments TAS5613 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TAS5613
www.ti.com
SLAS676 – NOVEMBER 2009
MODE SELECTION PINS
MODE PINS
OUTPUT
ANALOG
DESCRIPTION
INPUT
CONFIGURATION
M3
M2
M1
0
0
0
Differential
2 × BTL
AD mode
0
0
1
—
—
Reserved
0
1
0
Differential
2 × BTL
BD mode
Differential
(BTL)
0
1
1
1 × BTL + 2 × SE
BTL = BD mode, SE = AD mode
Single Ended
(SE)
1
0
0
Single Ended
4 × SE
AD mode
INPUT_C(1)
INPUT_D(1)
1
0
1
Differential
1 × PBTL
0
0
AD mode
1
0
BD mode
1
1
0
Reserved
1
1
1
(1)
INPUT_C and D are used to select between a subset of AD and BD mode operations in PBTL mode (1=VREG and 0=GND).
PACKAGE HEAT DISSIPATION RATINGS
(1)
PARAMETER
TAS5613PHD
TAS5613DKD
RθJC (°C/W) – 2 BTL or 4 SE channels
3.2
2.1
RθJC (°C/W) – 1 BTL or 2 SE channel(s)
5.4
3.5
RθJC (°C/W) – 1 SE channel
7.9
5.1
Pad Area (2)
64 mm2
80 mm2
(1)
JC is junction-to-case, CH is case-to-heat sink
(2)
RθH is an important consideration. Assume a 2-mil thickness of typical thermal grease between the pad area and the heat sink and both
channels active. The RθCH with this condition is 1.22°C/W for the PHD package and 1.02°C/W for the DKD package.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
0°C–70°C
TAS5613PHD
64 pin HTQFP
0°C–70°C
TAS5613DKD
44 pin PSOP3
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5613



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com