Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD057VT2 Datasheet(PDF) 2 Page - AZ Displays

Part # PD057VT2
Description  TECHNICAL SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VT2 Datasheet(HTML) 2 Page - AZ Displays

  PD057VT2 Datasheet HTML 1Page - AZ Displays PD057VT2 Datasheet HTML 2Page - AZ Displays PD057VT2 Datasheet HTML 3Page - AZ Displays PD057VT2 Datasheet HTML 4Page - AZ Displays PD057VT2 Datasheet HTML 5Page - AZ Displays PD057VT2 Datasheet HTML 6Page - AZ Displays PD057VT2 Datasheet HTML 7Page - AZ Displays PD057VT2 Datasheet HTML 8Page - AZ Displays PD057VT2 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PD057VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:2
Revision History
Rev. Issued Date
Eng.
Revised
Contents
1.0
Jul.10, 2007
New
2.0
May 19, 2009
Delete FPC connector pin pitch
Before
Connector type: ELCO 08-6210-033-340-800A+, PIN No 33 pins,
pitch=0.5mm
After
Connector type: ELCO 08-6210-033-340-800A+, PIN No 33 pins
P-511-537(V:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com