Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD057VT2 Datasheet(PDF) 13 Page - AZ Displays

Part # PD057VT2
Description  TECHNICAL SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VT2 Datasheet(HTML) 13 Page - AZ Displays

Back Button PD057VT2 Datasheet HTML 9Page - AZ Displays PD057VT2 Datasheet HTML 10Page - AZ Displays PD057VT2 Datasheet HTML 11Page - AZ Displays PD057VT2 Datasheet HTML 12Page - AZ Displays PD057VT2 Datasheet HTML 13Page - AZ Displays PD057VT2 Datasheet HTML 14Page - AZ Displays PD057VT2 Datasheet HTML 15Page - AZ Displays PD057VT2 Datasheet HTML 16Page - AZ Displays PD057VT2 Datasheet HTML 17Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PD057VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:13
Note 12-1: The definitions of viewing angles are as follow
12 o clock
3o clock
9 o clock
6 o clock
θθθθ
φφφφ
Lamp connector
Note 12-2: The definition of contrast ratio
Pattern
Black
at
Luminance
Pattern
at White
Luminance
CR
=
Note 12-3: Definition of Response Time Tr and Tf:
100%
90%
10%
0%
White
W hite
Black
Tr
Tf
P-511-537(V:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com