Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD057VT2 Datasheet(PDF) 12 Page - AZ Displays

Part # PD057VT2
Description  TECHNICAL SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VT2 Datasheet(HTML) 12 Page - AZ Displays

Back Button PD057VT2 Datasheet HTML 8Page - AZ Displays PD057VT2 Datasheet HTML 9Page - AZ Displays PD057VT2 Datasheet HTML 10Page - AZ Displays PD057VT2 Datasheet HTML 11Page - AZ Displays PD057VT2 Datasheet HTML 12Page - AZ Displays PD057VT2 Datasheet HTML 13Page - AZ Displays PD057VT2 Datasheet HTML 14Page - AZ Displays PD057VT2 Datasheet HTML 15Page - AZ Displays PD057VT2 Datasheet HTML 16Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
PD057VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:12
11. Power On Sequence
VDD
3.0V
0.3V
3.0V
t1
t2
t3
Signal*3
1. 0
t1
20ms
2. 0
t2
50ms
3. 0
t3
1s
12. Optical Characteristics
12-1) Specification:
Ta=25
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Remarks
Horizontal
70
75
-
deg
(to 6
o’clock)
65
70
-
deg
Viewing
Angle
Vertical
(to 12
o’clock)
CR
10
45
50
-
deg
Note 12-1
Contrast Ratio
CR
At optimized
viewing angle
400
600
-
-
Note 12-2
Rise
Tr
-
15
30
ms
Response time
Fall
Tf
=0
-
25
50
ms
Note 12-3
Brightness
-
=0
°/ =0
450
500
-
cd/
Note 12-4
Luminance Uniformity
U%
80
85
-
%
Note 12-5
Cross Talk
-
=0
-
-
3.5
%
Note 12-6
x
0.28
0.31
0.34
-
White Chromaticity
y
0.33
0.36
0.39
-
Lamp Life Time
-
-
50000
-
hrs
IL= 5mA
10ms
10ms
Back Light ON
OFF
OFF
P-511-537(V:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com