Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD057VT2 Datasheet(PDF) 8 Page - AZ Displays

Part # PD057VT2
Description  TECHNICAL SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VT2 Datasheet(HTML) 8 Page - AZ Displays

Back Button PD057VT2 Datasheet HTML 4Page - AZ Displays PD057VT2 Datasheet HTML 5Page - AZ Displays PD057VT2 Datasheet HTML 6Page - AZ Displays PD057VT2 Datasheet HTML 7Page - AZ Displays PD057VT2 Datasheet HTML 8Page - AZ Displays PD057VT2 Datasheet HTML 9Page - AZ Displays PD057VT2 Datasheet HTML 10Page - AZ Displays PD057VT2 Datasheet HTML 11Page - AZ Displays PD057VT2 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PD057VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:8
7-2) Recommended Driving Condition for Back Light
Ta=25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remark
Lamp Voltage
VL
639
710
781
V
IL=5mA
Lamp Current
IL
4
5
8
mA
Note 7-1
Lamp Frequency
FL
-
35
-
KHz
Note 7-2
Starting Voltage (25
)
(Reference Value)
Vs
-
-
1240
Vrms
Note 7-3
Starting Voltage (0
)
(Reference Value)
Vs
-
-
1380
Vrms
Note 7-3
Note 7-1
In order to have proper operation of the B/L, no matter what kind of inverters, the
output lamp current must be between Min. and Max. values to avoid the abnormal
display image caused by B/L.
Note 7-2
The driving frequency of the lamp may interfere with the horizontal synch signal,
leaving interference stripes on the display. So please evaluate LCD panels
beforehand.
To avoid interference stripes, we recommend to separate as far as possible the
lamp frequency from the horizontal synchronous signal and its high harmonic
frequency.
The inverter which PVI uses is TAD347-1.
Note 7-3
The “Starting Voltage” means the minimum voltage of inverter to turn on the lamp.
And it should be applied to the lamp for more than 1 second to start up. Otherwise
the lamp may not be turned on
.
7-3) Power Consumption
Parameters
Symbol
Typ.
Max.
Unit
Remark
+3.3V
Current Dissipation
ICC
67
100
mA
LCD Panel Power Consumption
-
0.22
0.33
W
Note 7-4
Backlight Power Consumption
-
3.55
3.91
W
Note 7-5
Note 7-4: The power consumption for back light is not included.
Note 7-5: Back light lamp power consumption is calculated by IL VL.
8. Pixel Arrangement
The LCD module pixel arrangement is stripe configuration.
640
478
479
480
P-511-537(V:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com