Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD057VT2 Datasheet(PDF) 15 Page - AZ Displays

Part # PD057VT2
Description  TECHNICAL SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VT2 Datasheet(HTML) 15 Page - AZ Displays

Back Button PD057VT2 Datasheet HTML 11Page - AZ Displays PD057VT2 Datasheet HTML 12Page - AZ Displays PD057VT2 Datasheet HTML 13Page - AZ Displays PD057VT2 Datasheet HTML 14Page - AZ Displays PD057VT2 Datasheet HTML 15Page - AZ Displays PD057VT2 Datasheet HTML 16Page - AZ Displays PD057VT2 Datasheet HTML 17Page - AZ Displays PD057VT2 Datasheet HTML 18Page - AZ Displays PD057VT2 Datasheet HTML 19Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
PD057VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:15
⏐YA-YB⏐
Note 12-6: Cross Talk (CTK) =
YA
100%
YA: Brightness of Pattern A
YB: Brightness of Pattern B
Luminance meter : BM 5A or BM-7 fast (TOPCON)
Measurement distance : 500 mm +/- 50 mm
Ambient illumination : < 1 Lux
Measuring direction : Perpendicular to the surface of module
Pattern A
(Gray Level 31)
Pattern B
(Gray Level 31, central
black box exclusive)
: Measuring Point (A and B are at the same point.)
YA
YB
1/3
1/3
1/3
1/3
1/3
1/3
Black
(Gray Level 0)
P-511-537(V:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com