Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 52 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 48Page - Analog Devices ADE5169 Datasheet HTML 49Page - Analog Devices ADE5169 Datasheet HTML 50Page - Analog Devices ADE5169 Datasheet HTML 51Page - Analog Devices ADE5169 Datasheet HTML 52Page - Analog Devices ADE5169 Datasheet HTML 53Page - Analog Devices ADE5169 Datasheet HTML 54Page - Analog Devices ADE5169 Datasheet HTML 55Page - Analog Devices ADE5169 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 52 of 156
For calibration, a first measurement should be done on IPA by
setting the SEL_I_CH bits (Bits[5:4]) to 0b01 in the CALMODE
register (Address 0x3D). This measurement should be compared
to the measurement on IPB. Measuring IPB can be forced by setting
the SEL_I_CH bits (Bits[5:4]) to 0b10 in the CALMODE register
(Address 0x3D). The gain error between these two measurements
can be evaluated using the following equation:
Error (%) =
)
(
)
(
)
(
PA
PA
PB
I
t
Measuremen
I
t
Measuremen
I
t
Measuremen
−
The two channels, IPA and IPB, can then be matched by writing
–Error(%)/(1 + Error(%)) × 212 to the IBGAIN register
(Address 0x1C). This matching adjustment is valid for all energy
measurements made by the ADE5166/ADE5169, including
active power, reactive power (the ADE5169 only), apparent
power, and Irms.
di/dt CURRENT SENSOR AND DIGITAL INTEGRATOR
(ADE5169/ADE5569 ONLY)
The di/dt sensor, a feature available for the ADE5169/ADE5569,
detects changes in the magnetic field caused by ac currents.
Figure 50 shows the principle of a di/dt current sensor.
MAGNETIC FIELD CREATED BY CURRENT
(DIRECTLY PROPORTIONAL TO CURRENT)
+ EMF (ELECTROMOTIVE FORCE)
– INDUCED BY CHANGES IN
MAGNETIC FLUX DENSITY (di/dt)
Figure 50. Principle of a di/dt Current Sensor
The flux density of a magnetic field induced by a current is directly
proportional to the magnitude of the current. The changes in the
magnetic flux density passing through a conductor loop generate
an electromotive force (EMF) between the two ends of the loop.
The EMF is a voltage signal that is proportional to the di/dt of the
current. The voltage output from the di/dt current sensor is deter-
mined by the mutual inductance between the current-carrying
conductor and the di/dt sensor. The current signal needs to be
recovered from the di/dt signal before it can be used. An integrator
is, therefore, necessary to restore the signal to its original form.
The ADE5169/ADE5569 has a built-in digital integrator to recover
the current signal from the di/dt sensor. The digital integrator
on the current channel is switched off by default when the
ADE5169/ADE5569 is powered up. Setting the INTE bit (Bit 5)
in the MODE1 register (Address 0x0B) turns on the integrator.
Figure 51 to Figure 54 show the gain and phase response of the
digital integrator.
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
–50
100
1000
Figure 51. Combined Gain Response of the Digital Integrator and
Phase Compensator
FREQUENCY (Hz)
102
103
FREQ
–88.0
–88.5
–89.0
–89.5
–90.0
–90.5
Figure 52. Combined Phase Response of the Digital Integrator and
Phase Compensator
FREQUENCY (Hz)
–1.0
–6.0
40
70
45
50
55
60
65
–1.5
–2.0
–2.5
–3.5
–4.5
–5.5
–3.0
–4.0
–5.0
Figure 53. Combined Gain Response of the Digital Integrator and
Phase Compensator (40 Hz to 70 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com