Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 26Page - Analog Devices ADE5169 Datasheet HTML 27Page - Analog Devices ADE5169 Datasheet HTML 28Page - Analog Devices ADE5169 Datasheet HTML 29Page - Analog Devices ADE5169 Datasheet HTML 30Page - Analog Devices ADE5169 Datasheet HTML 31Page - Analog Devices ADE5169 Datasheet HTML 32Page - Analog Devices ADE5169 Datasheet HTML 33Page - Analog Devices ADE5169 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 30 of 156
POWER SUPPLY ARCHITECTURE
The ADE5166/ADE5169/ADE5566/ADE5569 have two power
supply inputs, VDD and VBAT. They require only a single 3.3 V power
supply at VDD for full operation. A battery backup, or secondary
power supply, with a maximum of 3.7 V can be connected to the
VBAT input. Internally, the ADE5166/ADE5169/ADE5566/
ADE5569 connect VDD or VBAT to VSWOUT, which is used to derive
power for the ADE5166/ADE5169/ADE5566/ADE5569 circuitry.
The VSWOUT output pin reflects the voltage at the internal power
supply (VSWOUT) and has a maximum output current of 6 mA. This
pin can also be used to power a limited number of peripheral com-
ponents. The 2.5 V analog supply (VINTA) and the 2.5 V supply for
the core logic (VINTD) are derived by on-chip linear regulators from
VSWOUT. Figure 32 shows the ADE5166/ADE5169/ADE5566/
ADE5569 power supply architecture.
POWER SUPPLY
MANAGEMENT
LDO
VINTD
LDO
VINTA
ADC
VSW
ADC
SCRATCH PAD
LCD
RTC
TEMPERATURE ADC
3.3V
MCU
ADE
SPI/I2C
UART
2.5V
VDCIN VDD VBAT
VSWOUT
BCTRL
Figure 32. Power Supply Architecture
The ADE5166/ADE5169/ADE5566/ADE5569 provide automatic
battery switchover between VDD and VBAT based on the voltage
level detected at VDD or VDCIN. In addition, the BCTRL input can be
used to trigger a battery switchover. The conditions for switching
VSWOUT from VDD to VBAT and back to VDD are described in the
Battery Switchover section. VDCIN is an input pin that can be con-
nected to a dc signal of 0 V to 3.3 V. This input is intended for
power supply supervisory purposes and does not provide power
to the ADE5166/ADE5169/ADE5566/ADE5569 circuitry (see
the Battery Switchover section).
BATTERY SWITCHOVER
The ADE5166/ADE5169/ADE5566/ADE5569 monitor VDD,
VBAT, and VDCIN. Automatic battery switchover from VDD to VBAT
can be configured based on the status of the VDD, VDCIN, or BCTRL
pin. Battery switchover is enabled by default. Setting Bit 1 in the
battery switchover configuration SFR (BATPR, Address 0xF5)
disables battery switchover so that VDD is always connected to
VSWOUT (see Table 19). The source of VSWOUT is indicated by Bit 6
in the peripheral configuration SFR (PERIPH, Address 0xF4),
which is described in Table 20. Bit 6 is set when VSWOUT is con-
nected to VDD and cleared when VSWOUT is connected to VBAT.
The battery switchover functionality provided by the ADE5166/
ADE5169/ADE5566/ADE5569 allows a seamless transition from
VDD to VBAT. An automatic battery switchover option ensures a
stable power supply to the ADE5166/ADE5169/ADE5566/
ADE5569, as long as the external battery voltage is above 2.75 V.
It allows continuous code execution even while the internal power
supply is switching from VDD to VBAT and back. Note that the energy
metering ADCs are not available when VBAT is used for VSWOUT.
Power supply management (PSM) interrupts can be enabled to
indicate when battery switchover occurs and when the VDD power
supply is restored (see the Power Supply Management (PSM)
Interrupt section).
Switching from VDD to VBAT
The following three events switch the internal power supply
(VSWOUT) from VDD to VBAT:
VDCIN < 1.2 V. When VDCIN falls below 1.2 V, VSWOUT switches
from VDD to VBAT. This event is enabled when the BATPRG
bits (Bits[1:0]) in the battery switchover configuration SFR
(BATPR, Address 0xF5) are set to 0b01.
VDD < 2.75 V. When VDD falls below 2.75 V, VSWOUT switches
from VDD to VBAT. This event is enabled when the BATPRG
bits in the BATPR SFR are cleared.
Falling edge on BCTRL. When the battery control pin,
BCTRL, goes low, VSWOUT switches from VDD to VBAT. This
external switchover signal can trigger a switchover to VBAT
at any time. Setting the INT1PRG bits (Bits[3:1]) to 0bX01 in
the interrupt pins configuration SFR (INTPR, Address 0xFF)
enables the BCTRL pin (see Table 17).
Switching from VBAT to VDD
To switch VSWOUT from VBAT to VDD, all of the following events
must be true:
VDD > 2.75 V. VSWOUT switches back to VDD after VDD remains
above 2.75 V.
VDCIN > 1.2 V and VDD > 2.75 V. If the low VDCIN condition
is enabled, VSWOUT switches to VDD after VDCIN remains
above 1.2 V and VDD remains above 2.75 V.
Rising edge on BCTRL. If the battery control pin is enabled,
VSWOUT switches back to VDD after BCTRL is high, and the
first or second bullet point is satisfied.
POWER SUPPLY MANAGEMENT (PSM) INTERRUPT
The power supply management (PSM) interrupt alerts the 8052
core of power supply events. The PSM interrupt is disabled by
default. Setting Bit 1 (EPSM) in the Interrupt Enable and Priority 2
SFR (IEIP2, Address 0xA9) enables the PSM interrupt (see
Table 83).
The power management interrupt enable SFR (IPSME,
Address 0xEC) controls the events that result in a PSM interrupt
(see Table 21).
Figure 33 illustrates how the PSM interrupt vector is shared among
the PSM interrupt sources. The PSM interrupt flags are latched
and must be cleared by writing to the power management interrupt
flag SFR (IPSMF, Address 0xF8), as described in Table 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com