Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 100 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 100 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 96Page - Analog Devices ADE5169 Datasheet HTML 97Page - Analog Devices ADE5169 Datasheet HTML 98Page - Analog Devices ADE5169 Datasheet HTML 99Page - Analog Devices ADE5169 Datasheet HTML 100Page - Analog Devices ADE5169 Datasheet HTML 101Page - Analog Devices ADE5169 Datasheet HTML 102Page - Analog Devices ADE5169 Datasheet HTML 103Page - Analog Devices ADE5169 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 100 of 156
Table 92. LCD Configuration X SFR (LCDCONX, Address 0x9C)
Bit
Mnemonic
Default
Description
7
Reserved
0
Reserved.
6
EXTRES
0
External resistor ladder selection bit.
EXTRES
Result
0
External resistor ladder is disabled. Charge pump is enabled
1
External resistor ladder is enabled. Charge pump is disabled
[5:0]
BIASLVL
0
Bias level selection bits (see Table 93).
Table 93. LCD Bias Voltage When Contrast Control Is Enabled
BIASLVL[5]
VA (V)
1/2 Bias
1/3 Bias
VB
VC
VB
VC
0
[]
31
4:0
BIASLVL
V
REF ×
VB = VA
VC = 2 × VA
VB = 2 × VA
VC = 3 × VA
1
[]
⎟
⎠
⎞
⎜
⎝
⎛ +
×
31
1
4:0
BIASLVL
V
REF
VB = VA
VC = 2 × VA
VB = 2 × VA
VC = 3 × VA
Table 94. LCD Configuration Y SFR (LCDCONY, Address 0xB1)
Bit
Mnemonic
Default
Description
7
AUTOSCREENSCROLL
0
When set, the four screens scroll automatically. The scrolling item is selected
by the BLKFREQ bits in the LCD clock SFR (LCDCLK, Address 0x96[5:4]). If both
BLINKEN in the LCD configuration SFR (LCDCON, Address 0x95[5]) and
AUTOSCREENSCROLL are set, this bit preempts the blinking mode.
6
INV_LVL
0
Frame inversion mode enable bit. If this bit is set, frames are inverted every other
frame. If this bit is cleared, frames are not inverted.
[5:4]
Reserved
00
These bits should be kept cleared to 0 for proper operation.
[3:2]
SCREEN_SEL
00
These bits select the screen that is being output on the LCD pins. Values of 0, 1, 2,
and 3 select Screen 0, Screen 1, Screen 2, and Screen 3, respectively.
1
UPDATEOVER
0
Update finished flag bit. This bit is updated by the LCD driver. When set, this bit
indicates that the LCD memory has been updated and a new frame has begun.
0
REFRESH
0
Refresh LCD data memory bit. This bit should be set by the user. When set, the
LCD driver does not use the data in the LCD data registers to update the display.
The LCD data registers can be updated by the 8052. When cleared, the LCD driver
uses the data in the LCD data registers to update the display at the next frame.
Table 95. LCD Clock SFR (LCDCLK, Address 0x96)
Bit
Mnemonic
Default
Description
[7:6]
BLKMOD
00
Blink mode clock source configuration bits.
BLKMOD
Result
00
The blink rate is controlled by software; the display is off
01
The blink rate is controlled by software; the display is on
10
The blink rate is 2 Hz
11
The blink rate is set by the BLKFREQ bits
[5:4]
BLKFREQ
00
Blink rate configuration bits. These bits control the LCD blink rate if BLKMOD (Bits[7:6]) = 11.
BLKFREQ
Result (Blink Rate)
00
1 Hz
01
1/2 Hz
10
1/3 Hz
11
1/4 Hz
[3:0]
FD
0000
LCD frame rate selection bits (see Table 96 and Table 97).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com