Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 87 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 83Page - Analog Devices ADE5169 Datasheet HTML 84Page - Analog Devices ADE5169 Datasheet HTML 85Page - Analog Devices ADE5169 Datasheet HTML 86Page - Analog Devices ADE5169 Datasheet HTML 87Page - Analog Devices ADE5169 Datasheet HTML 88Page - Analog Devices ADE5169 Datasheet HTML 89Page - Analog Devices ADE5169 Datasheet HTML 90Page - Analog Devices ADE5169 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 87 of 156
Mnemonic
Description
Bytes
Cycles
XRL A, dir
Exclusive-OR indirect memory to A
2
2
XRL dir, #data
Exclusive-OR immediate data to direct
3
3
CLR A
Clear A
1
1
CPL A
Complement A
1
1
SWAP A
Swap nibbles of A
1
1
RL A
Rotate A left
1
1
RLC A
Rotate A left through carry
1
1
RR A
Rotate A right
1
1
RRC A
Rotate A right through carry
1
1
Data Transfer
MOV A, Rn
Move register to A
1
1
MOV A, @Ri
Move indirect memory to A
1
2
MOV Rn, A
Move A to register
1
1
MOV @Ri, A
Move A to indirect memory
1
2
MOV A, dir
Move direct byte to A
2
2
MOV A, #data
Move immediate to A
2
2
MOV Rn, #data
Move register to immediate
2
2
MOV dir, A
Move A to direct byte
2
2
MOV Rn, dir
Move register to direct byte
2
2
MOV dir, Rn
Move direct to register
2
2
MOV @Ri, #data
Move immediate to indirect memory
2
2
MOV dir, @Ri
Move indirect to direct memory
2
2
MOV @Ri, dir
Move direct to indirect memory
2
2
MOV dir, dir
Move direct byte to direct byte
3
3
MOV dir, #data
Move immediate to direct byte
3
3
MOV DPTR, #data
Move immediate to data pointer
3
3
MOVC A, @A+DPTR
Move code byte relative DPTR to A
1
4
MOVC A, @A+PC
Move code byte relative PC to A
1
4
MOVX A, @Ri
Move external (A8) data to A
1
4
MOVX A, @DPTR
Move external (A16) data to A
1
4
MOVX @Ri, A
Move A to external data (A8)
1
4
MOVX @DPTR, A
Move A to external data (A16)
1
4
PUSH dir
Push direct byte onto stack
2
2
POP dir
Pop direct byte from stack
2
2
XCH A, Rn
Exchange A and register
1
1
XCH A, @Ri
Exchange A and indirect memory
1
2
XCHD A, @Ri
Exchange A and indirect memory nibble
1
2
XCH A, dir
Exchange A and direct byte
2
2
Boolean
CLR C
Clear carry
1
1
CLR bit
Clear direct bit
2
2
SETB C
Set carry
1
1
SETB bit
Set direct bit
2
2
CPL C
Complement carry
1
1
CPL bit
Complement direct bit
2
2
ANL C, bit
AND direct bit and carry
2
2
ANL C, /bit
AND direct bit inverse to carry
2
2
ORL C, bit
OR direct bit and carry
2
2
ORL C, /bit OR
Direct bit inverse to carry
2
2
MOV C, bit
Move direct bit to carry
2
2
MOV bit, C
Move carry to direct bit
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com