Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 54 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 50Page - Analog Devices ADE5169 Datasheet HTML 51Page - Analog Devices ADE5169 Datasheet HTML 52Page - Analog Devices ADE5169 Datasheet HTML 53Page - Analog Devices ADE5169 Datasheet HTML 54Page - Analog Devices ADE5169 Datasheet HTML 55Page - Analog Devices ADE5169 Datasheet HTML 56Page - Analog Devices ADE5169 Datasheet HTML 57Page - Analog Devices ADE5169 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 54 of 156
Figure 56 shows the mechanism of the zero-crossing timeout
detection when the line voltage stays at a fixed dc level for more
than MCLK/160 × ZXTOUT seconds.
12-BIT INTERNAL
REGISTER VALUE
ZXTOUT
ZXTO
FLAG
BIT
VOLTAGE
CHANNEL
Figure 56. Zero-Crossing Timeout Detection
Period or Frequency Measurements
The ADE5166/ADE5169/ADE5566/ADE5569 provide the period
or frequency measurement of the line. The period or frequency
measurement is selected by clearing or setting the FREQSEL bit
(Bit 1) in the MODE2 register (Address 0x0C). The period/
frequency register, PER_FREQ (Address 0x0A), is an unsigned
16-bit register that is updated every period. If LPF1 is enabled,
a settling time of 1.8 sec is associated with this filter before the
measurement is stable.
When the period measurement is selected, the measurement has a
2.44 μs/LSB (4.096 MHz/10) resolution, which represents 0.014%
when the line frequency is 60 Hz. When the line frequency is
60 Hz, the value of the period register is approximately 0d6827.
The length of the register enables the measurement of line fre-
quencies as low as 12.5 Hz. The period register is stable at ±1 LSB
when the line is established and the measurement does not change.
When the frequency measurement is selected, the measurement
has a 0.0625 Hz/LSB resolution when MCLK = 4.096 MHz, which
represents 0.104% when the line frequency is 60 Hz. When the
line frequency is 60 Hz, the value of the frequency register is 0d960.
The frequency register is stable at ±4 LSB when the line is estab-
lished and the measurement does not change.
Line Voltage SAG Detection
In addition to detection of the loss of the line voltage signal
(zero crossing), the ADE5166/ADE5169/ADE5566/ADE5569 can
also be programmed to detect when the absolute value of the line
voltage drops below a certain peak value for a number of line
cycles. This condition is illustrated in Figure 57.
SAG IS RESET LOW
WHEN VOLTAGE
CHANNEL EXCEEDS
SAGLVL[15:0] AND
SAG FLAG IS RESET
FULL SCALE
SAGLVL[15:0]
SAG FLAG
SAGCYC[7:0] = 0x04
3 LINE CYCLES
VOLTAGE CHANNEL
Figure 57. SAG Detection
Figure 57 shows the line voltage falling below a threshold that
is set in the SAG level register (SAGLVL, Address 0x14[15:0])
for three line cycles. The quantities 0 and 1 are not valid for the
SAGCYC register, and the contents represent one more than the
desired number of full line cycles. For example, when the SAG
cycle register (SAGCYC, Address 0x13[7:0]) contains 0x04, FSAG
(Bit 5) in the power management interrupt flag SFR (IPSMF,
Address 0xF8) is set at the end of the third line cycle after the line
voltage falls below the threshold. If the SAG enable bit (ESAG,
Bit 5) in the power management interrupt enable SFR (IPSME,
Address 0xEC) is set, the 8052 core has a pending power supply
management interrupt. The PSM interrupt stays active until the
ESAG bit is cleared (see the Power Supply Management (PSM)
Interrupt section).
In Figure 57, the SAG flag (FSAG) is set on the fifth line cycle
after the signal on the voltage channel first drops below the
threshold level.
SAG Level Set
The 2-byte contents of the SAG level register (SAGLVL,
Address 0x14) are compared to the absolute value of the output
from LPF1. Therefore, when LPF1 is enabled, writing 0x2038 to the
SAG level register puts the SAG detection level at full scale (see
Figure 57). Writing 0x00 or 0x01 puts the SAG detection level
at 0. The SAG level register is compared to the input of the ZX
detection, and detection is made when the ZX input falls below the
contents of the SAG level register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com