Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-2-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5022ACBZ-2-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-2-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5022ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADP5022
Rev. A | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
D
23
4
BALL A1
INDICATOR
VOUT3
VIN1
SW1
PGND1
VIN3
EN2
MODE
VOUT2
VDDA
VIN2
SW2
PGND2
AGND
EN1
EN3
VOUT1
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VOUT3
LDO Output Voltage and Sensing Input.
A2
AGND
Analog Ground.
A3
VIN3
LDO Input Supply (VIN3 ≤ VIN1 = VIN2 = VDDA).
A4
VDDA
Supply Input for the Housekeeping Block and UVLO Sensing.
B1
VIN1
Buck1 Input Supply (VIN1 = VIN2 = VDDA).
B2
EN1
Buck1 Activation. Set EN1 = high: turn on Buck1. Set EN1 = low: turn off Buck1.
B3
EN2
Buck2 Activation. Set EN2 = high: turn on Buck2. Set EN2 = low: turn off Buck2.
B4
VIN2
Buck2 Input Supply (VIN2 = VIN1 = VDDA).
C1
SW1
Buck1 Switching Node.
C2
EN3
LDO Activation. Set EN3 = high: turn on LDO. EN3 = low: turn off LDO.
C3
MODE
Buck1/Buck2 Operating Mode: MODE = high: forced PWM operation. MODE = low: auto PWM/PSM operation.
C4
SW2
Buck2 Switching Node.
D1
PGND1
Dedicated Power Ground for Buck1.
D2
VOUT1
Buck1 Output Voltage Sensing Input.
D3
VOUT2
Buck2 Output Voltage Sensing Input.
D4
PGND2
Dedicated Power Ground for Buck2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com