Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-2-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5022ACBZ-2-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-2-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5022ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADP5022
Rev. A | Page 9 of 28
1.834
1.824
1.814
1.804
1.794
1.784
1.774
1.764
0
0.1
0.2
0.3
0.4
0.6
IOUT (A)
0.5
TA = +25°C
TA = –40°C
TA = +85°C
Figure 10. Buck2 Load Regulation Across Temperature, VOUT2 = 1.8 V,
Auto Mode
1.834
1.824
1.814
1.804
1.794
1.784
1.774
1.764
0
0.1
0.2
0.3
0.4
0.6
0.5
IOUT (A)
VIN = 5.5V
VIN = 4.5V
VIN = 3.6V
VIN = 2.4V
Figure 11. Buck 2 Load Regulation Across Input Voltage, VOUT1 = 1.8 V,
PWM Mode
3.354
3.334
3.314
3.294
3.274
3.254
3.234
0
0.1
0.2
0.3
0.4
0.6
0.5
IOUT (A)
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 12. Buck1 Load Regulation Across Input Voltage, VOUT2 = 3.3 V,
PWM Mode
100
90
80
70
60
50
40
30
20
10
0
0.0001
0.001
0.01
0.1
1
IOUT (A)
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 13. Buck1 Efficiency vs. Load Current, Across Input Voltage,
VOUT1 = 3.3 V, Auto Mode
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
IOUT (A)
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 14. Buck1 Efficiency vs. Load Current, Across Input Voltage,
VOUT1 = 3.3 V, PWM Mode
100
90
80
70
60
50
40
30
20
10
0
0.0001
0.001
0.01
0.1
1
IOUT (A)
VIN = 5.5V
VIN = 4.5V
VIN = 3.6V
VIN = 2.4V
Figure 15. Buck2 Efficiency vs. Load Current, Across Input Voltage,
VOUT2 = 1.8 V, Auto Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com