Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-2-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5022ACBZ-2-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-2-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5022ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP5022
Rev. A | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VIN1 = VIN2 = VIN3 = VDDA = 5.0 V, TA = 25°C, unless otherwise noted.
2
3
T
1
CH1 2.00V
M 200µs
A CH1
1.92V
T 45.40%
BW CH2 2.00V
BW
CH3 2.00V
BW
VOUT1
VOUT2
VOUT3
Figure 4. 3-Channel Start-Up Waveforms, VIN3 Cascaded from VOUT1
0.00010
0.00008
0.00006
0.00004
0.00002
0
2.8
2.6
2.4
3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4
VIN (V)
Figure 5. System Quiescent Current vs. Input Voltage, VOUT1 = 0.8 V,
VOUT2 = 2.5 V, VIN3 = VOUT2, VOUT3 = 1.2 V, All Channels Unloaded
4
1
3
T
2
CH1 2.00V
CH4 5.00V
M 40.0µs
A CH3
2.2V
T 11.20%
BW CH2 50.0mA Ω BW
BW
CH3 5.00V
BW
SW
VOUT
EN
IIN
Figure 6. Buck1 Startup, VOUT1 = 3.3 V, IOUT1 = 10 mA
4
1
3
T
2
CH1 2.00V
CH4 5.00V
M 40.0µs
A CH3
2.2V
T 11.20%
BW CH2 50.0mA Ω BW
BW
CH3 5.00V
BW
SW
VOUT
EN
IIN
Figure 7. Buck2 Startup, VOUT2 = 1.8 V, IOUT2 = 5 mA
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
2.4
2.9
3.4
3.9
4.4
4.9
5.4
INPUT VOLTAGE (V)
PWM TO PSM
PSM TO PWM
Figure 8. Buck 2 PSM to PWM Transition, VOUT2 = 1.8 V
3.354
3.334
3.314
3.294
3.274
3.254
3.234
0
0.1
0.2
0.3
0.4
0.6
IOUT (A)
0.5
TA = +25°C
TA = –40°C
TA = +85°C
Figure 9. Buck1 Load Regulation Across Temperature, VOUT1 = 3.3 V,
Auto Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com