Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-2-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5022ACBZ-2-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-2-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5022ACBZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 23Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 24Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 25Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 26Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 27Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADP5022
Rev. A | Page 25 of 28
OUTLINE DIMENSIONS
A
B
C
D
0.660
0.602
0.544
2.12
2.08 SQ
2.04
0.380
0.352
0.324
1
2
3
4
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
0.280
0.250
0.220
0.330
0.310
0.290
BALL 1
IDENTIFIER
SEATING
PLANE
0.04 NOM
COPLANARITY
0.50
REF
0.022
REF
1.50
REF
Figure 57. 16-Ball Wafer Level Chip Scale Package [WLCSP]
Back-Coating Included
(CB-16-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Output
Voltage (V)1
Undervoltage
Lockout Level
Temperature
Range
Package Description
Package
Option
Branding
Code
ADP5022ACBZ-1-R72
VOUT1 = 3.3 V
VOUT2 = 1.5 V
VOUT3 = 1.8 V
Low
−40°C to +125°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-7
L9H
ADP5022ACBZ-2-R72
VOUT1 = 1.2 V
VOUT2 = 1.8 V
VOUT3 = 2.8 V
Low
−40°C to +125°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-7
L9J
ADP5022ACBZ-4-R72
VOUT1 = 3.3 V
VOUT2 = 1.8 V
VOUT3 = 3.3 V
High
−40°C to +125°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-7
LG7
1 For additional voltage options, contact a local sales or distribution representative. Additional output voltages and UVLO available are
Buck1 and Buck2: 3.3 V, 3.0 V, 2.8 V, 2.5 V, 2.3 V, 2.0 V, 1.82 V, 1.8 V, 1.6 V, 1.5 V, 1.3 V, 1.2 V, 1.1 V, 1.0 V, 0.9 V, 0.8 V
LDO: 3.3 V, 3.0 V, 2.9 V, 2.8 V, 2.775 V, 2.5 V, 2.0 V, 1.875 V, 1.8 V, 1.75 V, 1.7 V, 1.65 V, 1.6 V, 1.55 V, 1.5 V, 1.2 V
UVLO: 2.25 V or 3.9 V
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com