Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-2-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5022ACBZ-2-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-2-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5022ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5022ACBZ-2-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADP5022
Rev. A | Page 12 of 28
4
1
T
2
CH1 50.0mV
CH4 5.00V
M 20.0µs A CH2
356mA
T 60.000µs
BW CH2 50.0mA Ω BW
BW
VOUT
IOUT
SW
Figure 28. Buck1 Response to Load Transient, IOUT1 from 1 mA to 50 mA,
VOUT1 = 3.3 V, Auto Mode
4
1
T
2
CH1 50.0mV
CH4 5.00V
M 20.0µs A CH2
379mA
T 22.20%
BW CH2 50.0mA Ω BW
BW
VOUT
IOUT
SW
Figure 29. Buck2 Response to Load Transient, IOUT2 from 1 mA to 50 mA,
VOUT2 = 1.8 V, Auto Mode
4
2
T
1
CH1 50.0mV
CH4 5.00V
M 20.0µs A CH2
408mA
T 20.40%
BW CH2 200mA Ω BW
BW
VOUT
IOUT
SW
Figure 30. Buck1 Response to Load Transient, IOUT1 from 20 mA to 180 mA,
VOUT1 = 3.3 V, Auto Mode
4
2
T
1
CH1 100mV
CH4 5.00V
M 20.0µs A CH2
88.0mA
T 19.20%
BW CH2 200mA Ω BW
BW
VOUT
IOUT
SW
Figure 31. Buck2 Response to Load Transient, IOUT2 from 20 mA to 180 mA,
VOUT2 = 1.8 V, Auto Mode
4
1
3
T
2
CH1 5.00V
CH4 5.00V
M 400ns
A CH4
1.90V
T 50.00%
BW
CH2 5.00V
BW
BW
CH3 5.00V
BW
VOUT1
VOUT2
SW1
SW2
Figure 32. VOUT and SW Waveforms for Buck1 and Buck2 in PWM Mode
Showing Out-of-Phase Operation
2
3
T
1
CH1 2.00V
M 40.0µs
A CH3
2.2V
T 11.20%
BW CH2 50.0mA Ω BW
BW
CH3 5.00V
BW
VOUT
EN
IIN
Figure 33. LDO Startup, VOUT3 = 3.0 V, IOUT3 = 5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com