Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-4-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5022ACBZ-4-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-4-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5022ACBZ-4-R7 Datasheet HTML 1Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 2Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 3Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 4Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 5Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 6Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 7Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 8Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADP5022
Rev. A | Page 5 of 28
LDO SPECIFICATIONS
VDDA = VIN1 = VIN2 = 3.6 V, VIN3 = (VOUT3 + 0.5 V) or 2.3 V, whichever is greater, VIN3 ≤ VIN1, IOUT3 = 10 mA; CIN3 = COUT3 =
1 μF, TJ = −40°C to +125°C, unless otherwise noted.1
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OPERATING SUPPLY CURRENT2
IVIN3-GND
IOUT3 = 0 μA
11
21
μA
IOUT3 = 10 mA
16
29
μA
IOUT3 = 150 mA
31
43
μA
OUTPUT VOLTAGE ACCURACY
VOUT3
100 μA < IOUT3 < 150 mA,
VIN3 = (VOUT3 + 0.5 V) to 5.5 V
−2
+2
%
REGULATION
Line Regulation
∆VOUT3/∆VIN3
VIN3 = (VOUT3 + 0.5 V) to 5.5 V, IOUT = 1 mA
−0.03
+0.03
%/ V
Load Regulation3
∆VOUT3/∆IOUT3
IOUT3 = 1 mA to 150 mA
0.002
0.0075
%/mA
DROPOUT VOLTAGE4
VDROPOUT
VOUT3 = 3.0 V, IOUT3 = 10 mA
7
mV
VOUT3 = 3.0 V, IOUT3 = 150 mA
110
150
mV
START-UP TIME5
From Shutdown State
TSTARTUP3-SD
200
μs
CURRENT-LIMIT THRESHOLD6
ILIMIT3
160
240
350
mA
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VIN3 = 5 V, VOUT3 = 3.3 V
65
μV rms
10 Hz to 100 kHz, VIN3= 5 V, VOUT3 = 2.4 V
52
μV rms
10 Hz to 100 kHz, VIN3 = 5 V, VOUT3 = 1.2 V
40
μV rms
POWER SUPPLY REJECTION RATIO
PSRR
10 kHz, VIN3 = 5 V, VOUT3 = 3.3 V
60
dB
10 kHz, VIN3 = 5 V, VOUT3 = 2.3 V
66
dB
10 kHz, VIN3 = 5 V, VOUT3 = 1.2 V
70
dB
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control.
2 LDO operating supply current is the current drawn from VIN3 to AGND when the LDO is enabled. Whenever any regulator channel is enabled, current is drawn from
VIN1 to AGND. This current is 8 μA typical and is included in the IGND1, IGND2, and IGND1-2 specifications.
3 Based on an end-point calculation using 1 mA and 150 mA loads.
4 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.3 V.
5 Start-up time is defined as the time between the rising edge of EN3 to VOUT3 being at 90% of its nominal value.
6 Current-limit threshold is defined as the current at which VOUT3 drops to 90% of the specified typical value. For example, the current limit for a 3.0 V output voltage is
defined as the current that causes the output voltage to drop to 90% of 3.0 V or 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com