Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-4-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5022ACBZ-4-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-4-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5022ACBZ-4-R7 Datasheet HTML 19Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 20Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 21Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 22Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 23Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 24Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 25Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 26Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADP5022
Rev. A | Page 23 of 28
EVALUATION BOARD SCHEMATICS AND ARTWORK
A1
D4
D3
C4
D1
D2
C1
VIN1
VIN2
VDDA
SW1
B1
B4
R1
0
R2
0
A4
A3
A2
C3
B2
B3
C2
VOUT1
PGND1
SW2
VOUT2
PGND2
VOUT3
VIN3
AGND
MODE
EN1
EN2
COUT_2
0603
10µF
C3
0603
4.7µF
C1
0402
1µF
C2
0603
4.7µF
COUT_3
0402
1µF
EN3
LDO
J8
J9
J10
J13
J12
J11
BUCK2
L1
1µH
L2
1µH
BUCK1
COUT_1
0603
10µF
J1
J2
J3
J4
J5
J7
J6
Figure 52. Evaluation Board Schematic
SUGGESTED LAYOUT
Figure 53. Top Layer, Recommended Layout
Figure 54. Second Layer, Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com