Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-4-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5022ACBZ-4-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-4-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5022ACBZ-4-R7 Datasheet HTML 2Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 3Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 4Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 5Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 6Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 7Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 8Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 9Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP5022
Rev. A | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDDA, VIN1, VIN2, VIN3, VOUT1, VOUT2,
VOUT3, EN1, EN2, EN3, MODE to GND
−0.3 V to +6 V
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in
combination.
The ADP5022 can be damaged when the junction temperature
limits are exceeded. Monitoring ambient temperature (TA) does
not guarantee that the junction temperature (TJ) is within the
specified temperature limits. In applications with high power
dissipation and poor thermal resistance, the maximum ambient
temperature may have to be derated. In applications with
moderate power dissipation and low PCB thermal resistance,
the maximum ambient temperature may exceed the maximum
limit as long as the junction temperature is within specification
limits. TJ of the device is dependent on TA, the power
dissipation (PD) of the device, and the junction-to-ambient
thermal resistance (θJA) of the package. Maximum TJ is
calculated from TA and PD using the following formula:
TJ = TA + (PD × θJA)
θJA of the package is based on modeling and calculation using a
4-layer board. The junction-to-ambient thermal resistance is
highly dependent on the application and board layout. In
applications where high maximum power dissipation exists,
close attention to thermal board design is required. The value
of θJA may vary, depending on PCB material, layout, and envi-
ronmental conditions. The specified values of θJA are based on a
4-layer, 4” × 3” circuit board. Refer to JEDEC JESD 51-9 for
detailed information on the board construction. For additional
information, see the AN-617 Application Note, MicroCSPTM
Wafer Level Chip Scale Package.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered on a circuit board.
Table 5. Thermal Resistance
Package Type
θJA
Unit
16-Ball, 0.5 mm Pitch WLCSP
65
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com