Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-4-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5022ACBZ-4-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-4-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5022ACBZ-4-R7 Datasheet HTML 10Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 11Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 12Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 13Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 14Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 15Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 16Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 17Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADP5022
Rev. A | Page 14 of 28
2
T
1
CH1 100mV
M 40.0µs A CH2
52.0mA
T 19.20%
BW CH2 100mA Ω BW
VOUT
IOUT
Figure 40. LDO Response to Load Transient, IOUT3 from 1 mA to 80 mA,
VOUT3 = 2.8 V
2
3
T
1
CH1 20.0mV
CH3 1.00V
M 100µs
A CH3
4.80V
T 28.40%
BW
BW
VOUT
VIN
Figure 41. LDO Response to Line Transient, Input Voltage from 4.5 V to 5.5 V,
VOUT3 = 2.8 V
60
55
50
45
40
35
30
25
0.001
0.01
0.1
1
10
100
ILOAD (mA)
3.3VIN
5VIN
Figure 42. LDO Output Noise vs. Load Current, Across Input Voltage,
VOUT3 = 2.8 V
60
65
55
50
45
40
35
30
25
0.001
0.01
0.1
1
10
100
ILOAD (mA)
5VIN
3.3VIN
Figure 43. LDO Output Noise vs. Load Current, Across Input Voltage,
VOUT3 = 3.0 V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100µA
1mA
10mA
50mA
100mA
150mA
Figure 44. LDO PSRR Across Output Load, VIN3 = 3.3 V, VOUT3 = 2.8 V
0
–20
–40
–60
–80
–100
–120
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100µA
1mA
10mA
50mA
100mA
150mA
Figure 45. LDO PSRR Across Output Load, VIN3 = 3.3 V, VOUT3 = 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com