Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-4-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5022ACBZ-4-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-4-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5022ACBZ-4-R7 Datasheet HTML 9Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 10Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 11Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 12Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 13Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 14Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 15Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 16Page - Analog Devices ADP5022ACBZ-4-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADP5022
Rev. A | Page 13 of 28
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
IOUT (A)
2.780
2.785
2.790
2.795
2.800
2.805
2.810
2.815
2.820
VIN = 3.3V
VIN = 4.5V
VIN = 5.0V
VIN = 5.5V
Figure 34. LDO Load Regulation Across Input Voltage, VOUT3 = 2.8 V
2.85
2.84
2.83
2.82
2.81
2.80
2.79
2.78
2.77
2.76
2.75
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
IOUT (A)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 35. LDO Load Regulation Across Temperature, VIN3 = 3.3 V, VOUT3 = 2.8 V
3.0
2.5
2.0
1.5
1.0
0.5
0
2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4
VIN (V)
IOUT = 150mA
IOUT = 100mA
IOUT = 10mA
IOUT = 1mA
IOUT = 100µA
Figure 36. LDO Line Regulation Across Output Load, VOUT3 = 2.8 V
50
45
40
35
30
25
20
15
10
5
0
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
150mA
100mA
10mA
1mA
100µA
1µA
Figure 37. LDO Ground Current vs. Input Voltage, Across Output Load,
VOUT3 = 2.8 V
50
45
40
35
30
25
20
15
10
5
0
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
LOAD CURRENT (A)
Figure 38. LDO Ground Current vs. Output Load, VIN3 = 3.3 V, VOUT3 = 2.8 V
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
IOUT (A)
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 39. LDO Current Capability Across Input Voltage, VOUT3 = 2.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com