Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0VLL7R Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0VLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0VLL7R Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0VLL7R Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
29
Figure 7. Independent ADC supply
3.3
Thermal characteristics
Table 8. Thermal characteristics for 144-pin LQFP1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
No.
Symbol
Parameter
Conditions
Typical
Value
Unit
1RθJA
Thermal resistance junction-to-ambient,
natural convection2
2 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package.
Single layer board—1s
52
°C/W
2RθJA
Thermal resistance junction-to-ambient,
natural convection2
Four layer board—2s2p
43
°C/W
3RθJMA
Thermal resistance junction-to-ambient2
@ 200 ft./min.3, single layer
board—1s
3 Flow rate of forced air flow.
43
°C/W
4RθJMA
Thermal resistance junction-to-ambient2
@ 200 ft./min.3, four layer
board—2s2p
37
°C/W
5RθJB
Thermal resistance junction to board4
4 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
—31
°C/W
6RθJCtop Thermal resistance junction to case (top)
5
5 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
—12
°C/W
7
Ψ
JT
Junction to package top natural convection6
6 Thermal characterization parameter indicating the temperature difference between the package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization
parameter is written as Psi-JT.
—2
°C/W
5.5V
3.0V
VDD_HV_REG
3.0V
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com