Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0VLL7R Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0VLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0VLL7R Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0VLL7R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
10
2.2.3
Pin Muxing
Table 4 defines the pin list and muxing for the MPC5604P devices.
Each row of Table 4 shows all the possible ways of configuring each pin, via “alternate functions”. The default function
assigned to each pin after reset is the ALT0 function.
Pins marked as external interrupt capable can also be used to resume from STOP and HALT mode.
MPC5604P devices provide four main I/O pad types depending of the associated functions:
•
Slow pads are the most common, providing a compromise between transition time and low electromagnetic emission.
•
Medium pads provide fast enough transition for serial communication channels with controlled current to reduce
electromagnetic emission.
•
Fast pads provide maximum speed. They are used for improved NEXUS debugging capability.
•
Symmetric pads are designed to meet FlexRay requirements.
Medium and Fast pads can use slow configuration to reduce electromagnetic emission, at the cost of reducing AC performance.
Table 3. System Pins
Symbol
Description
Direction
Pad Speed1
1 SRC values refer to the value assigned to the Slew Rate Control bits of the pad configuration register
Pin
SRC=0
SRC=1
100-pin
144-pin
Dedicated pins. All pins available on 144-pin package. MDO 0 not available on 100-pin package.
MDO 0
Nexus Message Data Output—line 0
Output Only
Fast
—
9
NMI
Non Maskable Interrupt
Input Only
—
—
1
1
XTAL
Analog input of the oscillator amplifier circuit.
Needs to be grounded if oscillator is used in
bypass mode.
——
—
18
29
EXTAL
Analog output of the oscillator amplifier
circuit, when the oscillator is not in bypass
mode.
Analog input for the clock generator when
the oscillator is in bypass mode.
——
—
19
30
TMS2
2 In this pin there is an internal pull, refer to JTAGC chapter on MPC5604P Reference Manual for pull direction.
JTAG state machine control
Input Only
—
—
59
87
TCK2
JTAG clock
Input Only
—
—
60
88
TDI2
JTAG data input
Input Only
—
—
58
86
TDO2
JTAG data output
Output Only
Slow
Fast
61
89
Reset pin, available on 100-pin and 144-pin package.
RESET
Bidirectional reset with Schmitt trigger
characteristics and
noise filter
Bidirectional
Medium
—
20
31
Test pin, available on 100-pin and 144-pin package.
VPP TEST
Pin for testing purpose only. To be tied to
ground in normal operating mode.
——
—
74
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com