Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0VLL7R Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0VLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0VLL7R Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0VLL7R Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
62
Figure 21. JTAG test clock input timing
5tTMSH, tTDIH CC
D TMS, TDI data hold time
—
25
—
ns
6tTDOV
CC
D TCK low to TDO data valid
—
—
40
ns
7tTDOI
CC
D TCK low to TDO data invalid
—
0
—
ns
8tTDOHZ
CC
D TCK low to TDO high impedance
—
40
—
ns
11
tBSDV
CC
D TCK falling edge to output valid
—
—
50
ns
12
tBSDVZ
CC
D TCK falling edge to output valid out of high impedance
—
—
50
ns
13
tBSDHZ
CC
D TCK falling edge to output high impedance
—
—
50
ns
14
tBSDST
CC
D Boundary scan input valid to TCK rising edge
—
50
—
ns
15
tBSDHT
CC
D TCK rising edge to boundary scan input invalid
—
50
—
ns
Table 35. JTAG pin AC electrical characteristics (continued)
No.
Symbol
C
Parameter
Conditions Min Max Unit
TCK
1
2
2
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com