Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PFF0VLL7R Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC5604PFF0VLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PFF0VLL7R Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC5604PFF0VLL7R Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5604PFF0VLL7R Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
48
3.9
Temperature sensor electrical characteristics
3.10
Main oscillator electrical characteristics
The MPC5604P provides an oscillator/resonator driver.
Table 23. Temperature sensor electrical characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
—
P Accuracy
TJ = –40 °C to TA = 25 °C
TBD
TBD
°C
TJ = TA to 125 °C
TBD
TBD
°C
TS
D Minimum sampling period
1.5
—
µs
Table 24. Main oscillator electrical characteristics (5.0 V, NVUSRO[PAD3V5V]=0)
Symbol
Parameter
Min
Max
Unit
fOSC
SR Oscillator frequency
4
40
MHz
gm
P
Transconductance
6.5
25
mA/V
VOSC
T
Oscillation amplitude on EXTAL pin
1
—
V
tOSCSU
T
Start-up time1,2
1 The start-up time is dependent upon crystal characteristics, board leakage, etc., high ESR and excessive capacitive
loads can cause long start-up time.
2 Value captured when amplitude reaches 90% of EXTAL
8—
ms
Table 25. Main oscillator electrical characteristics (3.3 V, NVUSRO[PAD3V5V]=1)
Symbol
Parameter
Min
Max
Unit
fOSC
SR Oscillator frequency
4
40
MHz
gm
P
Transconductance
4
20
mA/V
VOSC
T
Oscillation amplitude on EXTAL pin
1
—
V
tOSCSU
T
Start-up time1,2
1 The start-up time is dependent upon crystal characteristics, board leakage, etc., high ESR and excessive capacitive
loads can cause long start-up time.
2 Value captured when amplitude reaches 90% of EXTAL
8—
ms
Table 26. Input clock characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fOSC
SR Oscillator frequency
4
—
40
MHz
fCLK
SR Frequency in bypass
—
—
64
MHz
trCLK
SR Rise/fall time in bypass
—
—
1
ns
tDC
SR Duty cycle
47.5
50
52.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com